Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 27 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 27 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 23Page - ams-OSRAM AG 301020013 Datasheet HTML 24Page - ams-OSRAM AG 301020013 Datasheet HTML 25Page - ams-OSRAM AG 301020013 Datasheet HTML 26Page - ams-OSRAM AG 301020013 Datasheet HTML 27Page - ams-OSRAM AG 301020013 Datasheet HTML 28Page - ams-OSRAM AG 301020013 Datasheet HTML 29Page - ams-OSRAM AG 301020013 Datasheet HTML 30Page - ams-OSRAM AG 301020013 Datasheet HTML 31Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 109 page
background image
Dragster
Functional description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
27 / 109
/
7.2.2
Anti-corona circuitry
“Corona effect” is a phenomenon sometimes observed under heavy over exposure condition
when the most exposed pixels start to become dark again instead of white. This condition can
be detected by a special circuitry and saturated pixels are then clamped to the white reference
value before A/D conversion. This circuitry can be enabled or bypassed by means of register
0x01 bit '7'. The bit set to ‘0’ will disable the anti-corona circuitry and bypass the signal, while
’1’ will enable it.
7.2.3
Analogue gain
The pixel features a programmable analogue gain of factor x4 at CDS stage level. This gain is
controlled by register 0x02 bit '5'. The bit set to ‘0’ unity gain is set and ’1’ sets the gain to x4.
7.2.4
CDS reference generation
The reference voltage for all CDS stages is generated in parallel by the internal bias
generation block. The power consumption of the driver to this voltage can be regulated by
means of register 0x02 bit '1'. A value of ‘1’ will use an adaptive bias scheme to the buffer for
this voltage, which will reduce power consumption when this driver is not used
(recommended). A ‘0’ will choose a fixed bias value, which will result in a higher overall
consumption.
The reference voltage of the CDS stage is sampled at start of integration for each line, and
thus influences the finally digitized analogue value. Any noise on this signal also influences the
final signal value as noise will be added equally to all pixels in the line. For ultimate noise
performance, it is advised to compute the average of the first dark pixels 16th to 20th and
subtract this value from the finally read out pixels for each line. This computation has to be
done off chip, but will lead to better noise performance than the one specified.
7.2.5
Analogue voltage references
The analogue voltage references, especially the references to define the ADC start voltage
and the ADC gain are interconnected along the sensor line, however, remain individual for odd
an even pixels in the case of 3.5 μm pixels sensors. Each segment comprises an individual
SPI block to configure these voltages. Normally, it is recommended to program the registers
controlling an interconnected voltage with the same settings. The figures below illustrate how
analogue voltages are interconnected over multiple segments and controlled over the
respective SPI interfaces for sensors with 7 μm and 3.5 μm pixel pitch respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com