Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 74 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 74 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 70Page - ams-OSRAM AG 301020013 Datasheet HTML 71Page - ams-OSRAM AG 301020013 Datasheet HTML 72Page - ams-OSRAM AG 301020013 Datasheet HTML 73Page - ams-OSRAM AG 301020013 Datasheet HTML 74Page - ams-OSRAM AG 301020013 Datasheet HTML 75Page - ams-OSRAM AG 301020013 Datasheet HTML 76Page - ams-OSRAM AG 301020013 Datasheet HTML 77Page - ams-OSRAM AG 301020013 Datasheet HTML 78Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 109 page
background image
Dragster
Pin description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
74 / 109
/
Pin number
Pin name
Pin type(1)
113
VDDD
VDDD
114
VDDESD
VDDESD
115
VSSA
GND
116
VSS_Bulk
GND
117
VSSD
GND
118
N_Reset_CD
DI
119
Not connected
120
Not connected
(1) Explanation of abbreviations:
DI
Digital Input
DO Digital Output
Information:
SCLK and MOSI are connected between connector 2 and connector 4 in the headboard,
resulting names are SCLK_CD_GH and MOSI_CD_GH. The user can provide the headboard
one pair of this signals to connector 2 or 4 to communicate with the SPI, taking the advantage
that two IO lines from the control unit (FPGA or CPLD) are saved. Each SPI can be selected
individually by selecting respective negative chip select pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com