Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 46 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 46 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 42Page - ams-OSRAM AG 301020013 Datasheet HTML 43Page - ams-OSRAM AG 301020013 Datasheet HTML 44Page - ams-OSRAM AG 301020013 Datasheet HTML 45Page - ams-OSRAM AG 301020013 Datasheet HTML 46Page - ams-OSRAM AG 301020013 Datasheet HTML 47Page - ams-OSRAM AG 301020013 Datasheet HTML 48Page - ams-OSRAM AG 301020013 Datasheet HTML 49Page - ams-OSRAM AG 301020013 Datasheet HTML 50Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 109 page
background image
Dragster
Digital interface
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
46 / 109
/
8.2
Serial 4-wire configuration interface
8.2.1
General description
The SPI interface controls static configuration data, such as operation modes, ADC gain, black
level and other special features. It is present in every segment, top and bottom sides. This
interface is based on 8-bit registers and addressed using 8-bit addresses.
The interface uses the following signals:
Table 15: SPI signals
Signal
DIG In/Out
Function
MISO
Out
Master In, Slave Out
MOSI
In
Master Out, Slave In
N_CS
In
Low active chip select
SCLK
In
Serial interface clock
For access to the internal registers of the sensor, a serial interface with four wires are
implemented. The interface consists in four different lines, one clock line (SCLK), one receive
(MOSI) and transmit (MISO) line which are synchronous to each other. The fourth line is the
chip select (N_CS) and must be low to send/receive data through the lines. The sensor is
always slave in the application. By the use of the N_CS signal, the master can activate the
serial interface of an individual segment or several segments together. The bus frequency
range is from DC to 20 MHz, but must always be lower than MCLK/2.
8.2.2
Writing operation
The writing operation is performed by sending the word containing the data and the address.
No acknowledge signal or indication is given back.
The data is sent from LSB to MSB. The command word has a length of 16 bits and contains
the data of the register and the register address. It is possible to write multiple registers
consecutively, sending data and address each 16 SCLK. After the last written word, the SCLK
should be sent for minimum of two extra clocks, (maximum 4 SCLK) while N_CS is still low.
The updating to the registers is performed after update request bit is sent at the next rising
edge of END_ADC signal. The last word sent to the registers has to be always to register 0x01
and containing the update request bit, otherwise the update is not performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com