Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 23 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 23 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 19Page - ams-OSRAM AG 301020013 Datasheet HTML 20Page - ams-OSRAM AG 301020013 Datasheet HTML 21Page - ams-OSRAM AG 301020013 Datasheet HTML 22Page - ams-OSRAM AG 301020013 Datasheet HTML 23Page - ams-OSRAM AG 301020013 Datasheet HTML 24Page - ams-OSRAM AG 301020013 Datasheet HTML 25Page - ams-OSRAM AG 301020013 Datasheet HTML 26Page - ams-OSRAM AG 301020013 Datasheet HTML 27Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 109 page
background image
Dragster
Functional description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
23 / 109
/
For sensors with multiple segments, the added 2K (7 μm) and 4K (3.5 µm) segments have
only 2048 or 4096 sensitive pixels, respectively. Regarding readout, these segments are
completely independent. This can be exploited to align the readout of the light sensitive pixels
from each segment. To do so, the readout is started in the most left segment 16 pixel clock
cycles earlier than the segments farther to the right. The individual start of readout for different
segments can also be exploited to reduce the required signal bandwidth by sequentially
addressing the SRAM blocks of different 2K/4K segments and multiplexing the data lines.
The sensor features a 13-bit ramp ADC1 with programmable conversion gain and end of range
stage. The on chip digital control circuit generates all necessary control for conversion and the
readout modes. However, the readout of a new line can be triggered over an external signal if
required. The ADC conversion range (maximum number of bits) can be programmed over the
serial interface. Higher conversion range requires longer ADC conversion time.
7.1.1
Placement of pixels
7.1.1.1
DR-XK-7
Figure 7: Placement of pixels sensors with 7 µm pixel pitch (DR8K7)
The first 32 pixels include not only dark pixels but also special pixels like described:
•
The output from the first pixel is directly connected to the pad 1.2
•
The output from the second pixel is directly connected to the pad 21.2
•
The third pixel is a black pixel, electrically fixed to ADC low saturation.
•
The fourth pixel is a white pixel, electrically fixed to ADC high saturation.
1 It is recommended to only use 12-bit ADC resolution, making use of “Enable Saturation” feature (register CONTROL 1 (0x01), bit
5). For more details, check Section 9.1.1.
2 These pixels are light sensitive. The respective outputs are connected to a test point on the headboard for debugging purpose in
certain package variations.
1
...
32
33
34
...
2081
2082
...
4128
4129
...
6174
6175
...
8223
8224
7 µm
7 µm
Special Pixels
Active Pixels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com