Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 66 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 66 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 62Page - ams-OSRAM AG 301020013 Datasheet HTML 63Page - ams-OSRAM AG 301020013 Datasheet HTML 64Page - ams-OSRAM AG 301020013 Datasheet HTML 65Page - ams-OSRAM AG 301020013 Datasheet HTML 66Page - ams-OSRAM AG 301020013 Datasheet HTML 67Page - ams-OSRAM AG 301020013 Datasheet HTML 68Page - ams-OSRAM AG 301020013 Datasheet HTML 69Page - ams-OSRAM AG 301020013 Datasheet HTML 70Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 109 page
background image
Dragster
Pin description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
66 / 109
/
Pin number
Pin name
(DR4K3.5_LCC_Ceramic
DR2x2K7_LCC_Ceramic)
Pin name
(DR2K7_LCC_Ceramic)
Pin type(1)
65
LVAL Tap C1/D1
Not connected
DO
66
VSS
GND
GND
67
MISO C1/D1
Not connected
DO
68
Tap C1 Bit 1
Not connected
DO
69
Tap C1 Bit 3
Not connected
DO
70
Tap C1 Bit 5
Not connected
DO
71
Tap C1 Bit 7
Not connected
DO
72
Tap C1 Bit 9
Not connected
DO
73
VSS
GND
GND
74
Tap C1 Bit 11
Not connected
DO
75
RESET_CDS
DI
DI
76
N_CS C1/D1
Not connected
DI
77
MOSI
DI
DI
78
Main_CLK
DI
DI
79
Load_Pulse
DI
DI
80
VSS
GND
GND
81
VDD
3.3V
3.3 V
82
VDD
3.3V
3.3 V
83
VDDA
VDDA
3.3 V Analogue
84
VDDA
VDDA
3.3 V Analogue
85
N_CS A1/B1
DI
DI
86
Sample
DI
DI
87
RST_CVC
DI
DI
88
SCLK
DI
DI
89
MISO A1/B1
DO
DO
90
VSS
GND
GND
(1) Explanation of abbreviations:
DI
Digital Input
DO Digital Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com