Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 53 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 53 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 49Page - ams-OSRAM AG 301020013 Datasheet HTML 50Page - ams-OSRAM AG 301020013 Datasheet HTML 51Page - ams-OSRAM AG 301020013 Datasheet HTML 52Page - ams-OSRAM AG 301020013 Datasheet HTML 53Page - ams-OSRAM AG 301020013 Datasheet HTML 54Page - ams-OSRAM AG 301020013 Datasheet HTML 55Page - ams-OSRAM AG 301020013 Datasheet HTML 56Page - ams-OSRAM AG 301020013 Datasheet HTML 57Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 109 page
background image
Dragster
Register description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
53 / 109
/
Table 22: Bandgap switch
Bit 5
Bit 4
Bit 3
Relative current to nominal(1)
0
0
0
132%
0
0
1
77%
0
1
0
100%
0
1
1
64%
1
0
0
112%
1
0
1
70%
1
1
0
86%
1
1
1
59%
(1) The generated reference current can be observed at the TEST_MUX output pins. The target is 100 μA. These bits can be
used to tune the general reference back to target values, in case production parameters spread leads to strong deviation.
Further these bits can be used to reduce overall power consumption, though the reference voltages, (namely ADC zero
reference will drift from target values) and may have to be over driven to get proper operation at lower overall current.
(Register 0x0A, channel 0x0F).
9.1.6
Threshold register 1 (Address 0x06)
Table 23: Threshold register 1
Address: 0x06
Default value: 0x01
Access: Read/Write
Bit
Bit name
Default
Bit description
7:0
Threshold Register 1
00000001b
This register is responsible for holding the value for
the first ADC threshold in companding mode. The
register content is multiplied by 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com