Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 59 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 59 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 55Page - ams-OSRAM AG 301020013 Datasheet HTML 56Page - ams-OSRAM AG 301020013 Datasheet HTML 57Page - ams-OSRAM AG 301020013 Datasheet HTML 58Page - ams-OSRAM AG 301020013 Datasheet HTML 59Page - ams-OSRAM AG 301020013 Datasheet HTML 60Page - ams-OSRAM AG 301020013 Datasheet HTML 61Page - ams-OSRAM AG 301020013 Datasheet HTML 62Page - ams-OSRAM AG 301020013 Datasheet HTML 63Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 109 page
background image
Dragster
Application information
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
59 / 109
/
Information:
Please note that in the above image the component DAC is optional.
Table 31: Recommended values for capacitors and inductances
Component
Description
Nominal
value
Tolerance
Voltage range
C1
Power decoupling capacitor, close to
each VDDx connector pin
Low ESR Ceramic
10 nF
±25%
>3.6 V
C2
Power decoupling capacitor, placed
one time per power supply
Tantalum type
10 µF
±25%
>3.6 V
C3
Power decoupling capacitor, placed
one time per power supply
Tantalum type
100 µF
±25%
>3.6 V
L1
Power decoupling inductance
10 nH
±25%
Dimension according to
power consumption of
respective sensor
variation
C4
Additional decoupling capacitor on the
outputs of Test_Mux(1)
100 nF
±25%
>3.6 V
(1) If the Test_Mux_# signals are accessible an additional capacitance should be placed in this signal and then by writing on
register 0x0A with the value 0x0F the line by line offset noise is reduced significantly.
If added an external DAC, the circuit schematic to be used is shown in Figure 30. If the
Test_Mux_# signals are accessible, this option allows to set the ADC offset (black reference)
in more fine steps and possibly, with better temperature stability. In order to perform this
operation, the Test_Mux_# outputs should be connected and the value 0x0F should be written
to register 0x0A in all segments. Also, make sure the DAC output impedance is higher than
200 kΩ. On chip there is an 8-bit resolution DAC for this purpose, but an external DAC can
provide benefit if more fine adjustment steps are required.
For sensors with 3.5 μm pixel and dual line sensors, once there are individual SPI blocks, it is
recommended to connect a DAC for top (DAC1) and bottom (DAC2) side separately, though is
not mandatory. Once the individual DAC offsets are equalized over the external connection,
the black level can be adjusted by writing the same value to the registers on each segment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com