Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 11Page - ams-OSRAM AG 301020013 Datasheet HTML 12Page - ams-OSRAM AG 301020013 Datasheet HTML 13Page - ams-OSRAM AG 301020013 Datasheet HTML 14Page - ams-OSRAM AG 301020013 Datasheet HTML 15Page - ams-OSRAM AG 301020013 Datasheet HTML 16Page - ams-OSRAM AG 301020013 Datasheet HTML 17Page - ams-OSRAM AG 301020013 Datasheet HTML 18Page - ams-OSRAM AG 301020013 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 109 page
background image
Dragster
Electrical characteristics
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
15 / 109
/
5
Electrical characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with
production tests or SQC (Statistical Quality Control) methods.
Table 6: Electrical characteristics of Dragster
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analogue power
supply
3.2
3.3
3.4
V
VnrmsVDDA
RMS noise on VDDA
5
mV
VnppVDDA
Peak to peak noise on
VDDA
20
mV
VDDD
Power supply voltage
3.2
3.3
3.4
V
VnrmsVDDD
RMS noise on VDDD
20
mV
VnppVDDD
Peak to peak noise on
VDDD
100
mV
VDDIO
Power supply voltage
on IO’s
2.4(1)
3.3
3.4
V
VnrmsVDDIO
RMS noise on VDDIO
20
mV
VnppVDDIO
Peak to peak noise on
VDDIO
100
mV
VDDESD
Power supply voltage
ESD
3.2
3.3
3.4
V
VSSA
Ground for analogue
power supply
0
V
VSSD
Ground for digital
power supply
0
V
VSSIO
Ground for IO power
supply
0
V
Duty Cycle
Input clock duty cycle
Up to 50 MHz
45
55
70
%
Duty Cycle
Input clock duty cycle
Up to >50 MHz
55
57
65
%
Jitter Clock
Input clock jitter
< 5% TCLK
% TCLK
CLoad
Load capacitance on
digital IO’s
10
pF
Input Clock
Frequency
1(2)
85(3)
MHz
Characteristics for CMOS-LVTTL outputs
VOL
Low level output
voltage
0.5
V
VOH
High level output
voltage
VDDIO-0.6
V
Tslew, rising(4)
Output slew rate of
rising edge
5
ns
Tslew, falling(4)
Output slew rate of
falling edge
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com