Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 3Page - ams-OSRAM AG 301020013 Datasheet HTML 4Page - ams-OSRAM AG 301020013 Datasheet HTML 5Page - ams-OSRAM AG 301020013 Datasheet HTML 6Page - ams-OSRAM AG 301020013 Datasheet HTML 7Page - ams-OSRAM AG 301020013 Datasheet HTML 8Page - ams-OSRAM AG 301020013 Datasheet HTML 9Page - ams-OSRAM AG 301020013 Datasheet HTML 10Page - ams-OSRAM AG 301020013 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 109 page
background image
Dragster
Ordering information
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
7 / 109
/
2
Ordering information
Part
number
Q number
Ordering code
Package
Chroma
Delivery
quantity
(pcs/tray)
301740016
Q65114A3364
DR2K7_Invar_B&W_BM_v6
Invar
Mono
4
301740011
Q65114A3362
DR2K7_LCC_B&W_BM_Ceramic_v1.0
Ceramic
Mono
12
301110006
Q65114A3337
DR2x2K7_LCC_B&W_Ceramic_v1.0
Ceramic
Mono
12
301720007
Q65114A3358
DR2x2K7_LCC_RGB_Ceramic_v1.0
Ceramic
Color
12
301110008
Q65114A3338
DR2x2K7_Invar_B&W_v6
Invar
Mono
4
301720008
Q65114A3359
DR2x2K7_Invar_RGB_v6
Invar
Color
4
301090010
Q65114A3335
DR4K3.5_Invar_B&W_v6
Invar
Mono
4
301090009
Q65114A3334
DR4K3.5_LCC_B&W_Ceramic_v1.0
Ceramic
Mono
12
301020013
Q65114A3330
DR4K7_Invar_B&W_BM_v5
Invar
Mono
4
301030008
Q65114A3331
DR2x4K7_Invar_B&W_v6
Invar
Mono
4
301040008
Q65114A3332
DR2x4K7_Invar_RGB_v6
Invar
Color
4
301240011
Q65114A3352
DR6K7_BM_v2
Invar
Mono
2
301250014
Q65114A3356
DR8K3.5_Invar_B&W_BM_v6
Invar
Mono
4
301750005
Q65114A3365
DR8K7_Invar_B&W_BM_v6
Invar
Mono
2
301120005
Q65114A3339
DR2x8K7_Invar_B&W_v5
Invar
Mono
2
301730005
Q65114A3360
DR2x8K7_Invar_RGB_v5
Invar
Color
2
301100006
Q65114A3336
DR16K3.5_Invar_B&W_v6
Invar
Mono
2
Figure 2: Ordering code
Product Family
Resolution
Pixel Pitch
Package
Chroma
Mask
Product Version
DR - Dragster
Single Line zK
z = 2, 4, 6, 8, 16
Dual line 2xzK
z = 2, 4, 8
7 um
3.5 um
Invar
Ceramic/LCC
* If not specified is
Invar
B&W / Monochrome
RGB / Color
* If not specified is
B&W
BM - When applicable,
uses a black mask
coating
Version of the final product
D R 8 K 7 _ I N V A R _ B & W _ B M _ V 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com