Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 13Page - ams-OSRAM AG 301020013 Datasheet HTML 14Page - ams-OSRAM AG 301020013 Datasheet HTML 15Page - ams-OSRAM AG 301020013 Datasheet HTML 16Page - ams-OSRAM AG 301020013 Datasheet HTML 17Page - ams-OSRAM AG 301020013 Datasheet HTML 18Page - ams-OSRAM AG 301020013 Datasheet HTML 19Page - ams-OSRAM AG 301020013 Datasheet HTML 20Page - ams-OSRAM AG 301020013 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
Dragster
Electrical characteristics
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
17 / 109
/
Table 7: Typical power consumption for Dragster(1)
Sensor
IVDDIO (mA)
IVDDA (mA)
IVDDD (mA)
PTotal (mW)(1)
DR2K7
40
70
35
500
DR2x2K7
80
140
70
975
DR4K3.5
80
140
70
975
DR4K7
80
140
70
975
DR6K7
120
210
105
1450
DR2x4K7
160
280
140
1925
DR8K7
160
280
140
1925
DR8K3.5
160
280
140
1925
DR2x8K7
320
560
280
3850
DR16K3.5
320
560
280
3850
(1) VDDD = VDDA = VDDIO = 3.3 V, MCLK = 80 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com