Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 56 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 56 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 52Page - ams-OSRAM AG 301020013 Datasheet HTML 53Page - ams-OSRAM AG 301020013 Datasheet HTML 54Page - ams-OSRAM AG 301020013 Datasheet HTML 55Page - ams-OSRAM AG 301020013 Datasheet HTML 56Page - ams-OSRAM AG 301020013 Datasheet HTML 57Page - ams-OSRAM AG 301020013 Datasheet HTML 58Page - ams-OSRAM AG 301020013 Datasheet HTML 59Page - ams-OSRAM AG 301020013 Datasheet HTML 60Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 109 page
background image
Dragster
Register description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
56 / 109
/
Table 28: Test multiplexer channels
Channel
Signal
Comment
0x00
VSS
Reset default
0x01
Vbg
Internal bandgap reference voltage
0x02
Bias_VRef
Bias reference of on chip CDS reference buffer
0x03
GND_RST_CVC
Anti-blooming reference voltage
0x04
PCAS_CDS
Internal reference voltage
0x05
NCAS_CDS
Internal reference voltage
0x06
VBias_CDS
Internal reference voltage
0x07
VBias_White_Clamp
Internal reference voltage
0x08
VThr
Threshold voltage for saturation detection
0x09
VBias_CVC
Internal reference voltage
0x0A
IRef
Current output (measure towards VSS) for internal bias
generation. The target value is 100 µA
0x0B
VBias_Comp_1
Internal reference voltage
0x0C
RST_CVC
Monitor of digital control signal RST_CVC
0x0D
VRST
Internal reference voltage
0x0E
Rmp
Internal reference voltage
0x0F
ADC_Reference
Reference voltage for ADC zero level. Can be overdriven.
Additional decoupling on this signal may improve noise
performance.
9.1.11
Read request register (Address 0x0F)
Table 29: Read request register
Address: 0x0F
Default value: 0x00
Access: Read/Write
Bit
Bit name
Default
Bit description
7:0
Address to Read
00000000b
Defines the register address to be read in a
read back operation over SPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com