Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 15Page - ams-OSRAM AG 301020013 Datasheet HTML 16Page - ams-OSRAM AG 301020013 Datasheet HTML 17Page - ams-OSRAM AG 301020013 Datasheet HTML 18Page - ams-OSRAM AG 301020013 Datasheet HTML 19Page - ams-OSRAM AG 301020013 Datasheet HTML 20Page - ams-OSRAM AG 301020013 Datasheet HTML 21Page - ams-OSRAM AG 301020013 Datasheet HTML 22Page - ams-OSRAM AG 301020013 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 109 page
background image
Dragster
Typical operating characteristics
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
19 / 109
/
Parameter
Value
Remark
Configuration interface
Serial 4 Line
1 SPI Interface per 2K Segment
2 SPI Interfaces per 2x2K7 Segment
Integration control(1)
Asynchronous
With 6 Digital Signals (MCLK, RST_CVC,
RST_CDS, Sample, Load_Pulse, N_Reset)
(1) On the dual line sensor version, each line can be triggered individually.
Table 10: Sensor characteristics of Dragster 3.5µm
Parameter
Value
Remark
Pixel size
3.5 x 3.5 µm2
Pixel pitch x
3.5 µm
Distance from the center of a pixel to the center of
the adjacent pixel (horizontal axis)
Pixel pitch y
7 µm
Distance from the center of a pixel to the center of
the adjacent pixel (vertical axis)
Number of special pixels in
the most left segment
64 pixels
Maximum line rate
80 kLines/s
Number of output taps
4 per 4K pixels segment
Configuration interface
Serial 4 Line
2 Interfaces for each 4K Pixel Segment
Integration control
Asynchronous
With 6 Digital Signals (MCLK, RST_CVC,
RST_CDS, Sample, Load_Pulse, N_Reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com