| Electronic Components Datasheet Search |
|
301020013 Datasheet(PDF) 43 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
301020013 Datasheet(HTML) 43 Page - ams-OSRAM AG |
|
43 / 109 page ![]() Dragster Functional description Datasheet • PUBLIC • Document Feedback DS000444 • v5-00 • 2025-Aug-29 43 / 109 / 7.6.2.5 Load pulse signal generation The LOAD_PULSE signal is at the sensor side latched with the rising edge of pixel clock, thus the phase in which it is generated must be adjusted such that at the sensor pin. The LOAD_PULSE is high only during one rising edge of pixel clock. For low temperatures (below 10ºC) it is recommended to use a pulse width of 2 x Pixel Clock period. In case of problems with stable LVAL generation (no LVAL generated or LVAL signal not with the correct length), please change the phase on which the LOAD_PULSE is generated. Figure 24: LOAD_PULSE signal generated with correct timing(1) (1) The drawing signals are indicated, as they are present on the pin of the chip. 7.6.3 Dragster sequential/pipeline timing While in Pipeline mode the next integration is performed after the previous one, during A/D conversion and Readout, the Sequential mode, as the name refers, each stage of Integration, A/D conversion and Readout are done sequentially, not in parallel with the other timing stages. Figure 25: Dragster sequential timings Pixel Clock Load_Pulse Reset CVC Reset CDS Integration I Reset CVC Conversion I Sample Start AD Start Readout Readout I Reset CDS Integration I+1 Conversion I+1 Sample Start AD Start Readout Readout I+1 Integration I+2 Conversion I+2 Sample Start AD Start Readout Readout I+2 Reset CVC Reset CDS Scan I Scan I+1 Scan I+2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |