Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 49 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 49 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 45Page - ams-OSRAM AG 301020013 Datasheet HTML 46Page - ams-OSRAM AG 301020013 Datasheet HTML 47Page - ams-OSRAM AG 301020013 Datasheet HTML 48Page - ams-OSRAM AG 301020013 Datasheet HTML 49Page - ams-OSRAM AG 301020013 Datasheet HTML 50Page - ams-OSRAM AG 301020013 Datasheet HTML 51Page - ams-OSRAM AG 301020013 Datasheet HTML 52Page - ams-OSRAM AG 301020013 Datasheet HTML 53Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 109 page
background image
Dragster
Register description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
49 / 109
/
Address: 0x01
Default value: 0xA8
Access: Read/Write
Bit
Bit name
Default value
Bit description
0:0
Update Request
0b
In order to activate a set of new register values
uploaded over SPI, this bit has to be set to 1. Register
data does not change unless this bit was set to 1 and
a rising edge of End ADC occurred. When this bit is
set, at the next rising edge of End ADC signal the
register values are updated.
(1) The 13th bit should be ignored if on chip saturation is enabled, it holds an overflow identification flag in this case.
(2) It is recommended to configure ADC resolution to 12 bits, enable saturation set to ‘1’ and End of Range Register (register
0x09) to 0x80H, which allows for an output of 4095DN.
(3) The digital subtraction feature enabled (bit set to ‘1’) is not recommended, creating artifacts in the image. Still, if using this
feature, the bit 2 in Control Register 3 (register 0x05) "Enable Offset SRAM" must be set to ‘1’, at user’s responsibility.
Table 17: Clock division
Bit 2
Bit 1
Description
0
0
Readout clock set to MCLK
0
1
Readout clock set to MCLK/2
ADC CLK remains at MCLK
1
0
Readout clock set to MCLK/4
ADC CLK remains at MCLK
1
1
Do not use, clock not generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com