Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 20Page - ams-OSRAM AG 301020013 Datasheet HTML 21Page - ams-OSRAM AG 301020013 Datasheet HTML 22Page - ams-OSRAM AG 301020013 Datasheet HTML 23Page - ams-OSRAM AG 301020013 Datasheet HTML 24Page - ams-OSRAM AG 301020013 Datasheet HTML 25Page - ams-OSRAM AG 301020013 Datasheet HTML 26Page - ams-OSRAM AG 301020013 Datasheet HTML 27Page - ams-OSRAM AG 301020013 Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 109 page
background image
Dragster
Functional description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
24 / 109
/
•
The pixels 5 - 24 are normal pixels however, the photo diode is covered by a metal light
shield. They serve as a dark reference. However, at longer wavelengths the metal shield
will not completely shield light anymore.
•
The pixels 25 - 32 are electrical black pixels. In these pixels the photo diode is
disconnected electrically from the readout chain. These pixels will follow all analogue and
digital offset variations, however not integrate dark current or any photo current. They can
be used check the validity of the dark pixels 5 - 24, or to compensate for line by line ADC
offset variations.
7.1.1.2
DR-XK-3.5
Figure 8: Placement of pixels sensors with 3.5 µm pixel pitch (DR16K3.5)
The first 64 pixels include not only dark pixels but also special pixels like described:
•
The output from the first & second pixels are directly connected to the pad 1 of the most
left segments on top and bottom.3
•
The output from the third and fourth pixels are directly connected to the pad 2 of the most
left segments on top and bottom.2
•
The fifth and sixth pixels are a black pixel, electrically fixed to ADC low saturation.
•
The seventh and eight pixels are white pixel, electrically fixed to ADC high saturation.
•
The pixels 9 - 48 are normal pixels however, the photo diode is covered by a metal light
shield. They serve as a dark reference. However, at longer wavelengths the metal shield
will not completely shield light any more.
•
The pixels 49 - 64 are electrical black pixels. In these pixels the photo diode is
disconnected electrically from the readout chain. These pixels will follow all analogue and
digital offset variations, however, not integrate dark current or any photo current. They can
be used to check the validity of the dark pixels 9 - 48, or to compensate for line-by-line
ADC offset variations.
3 These pixels are light sensitive. The respective outputs are connected to a test point on the headboard for debugging purpose in
certain package variations.
1
...
64
65
66
...
4161 4162
...
8257 8258
...
12352 12353
...
16447 16448
3.5 µm
3.5 µm
Special Pixels
Active Pixels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com