Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 50 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 50 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 46Page - ams-OSRAM AG 301020013 Datasheet HTML 47Page - ams-OSRAM AG 301020013 Datasheet HTML 48Page - ams-OSRAM AG 301020013 Datasheet HTML 49Page - ams-OSRAM AG 301020013 Datasheet HTML 50Page - ams-OSRAM AG 301020013 Datasheet HTML 51Page - ams-OSRAM AG 301020013 Datasheet HTML 52Page - ams-OSRAM AG 301020013 Datasheet HTML 53Page - ams-OSRAM AG 301020013 Datasheet HTML 54Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 109 page
background image
Dragster
Register description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
50 / 109
/
9.1.2
Control register 2 (Address 0x02)
Table 18: Control register 2
Address: 0x02
Default value: 0x12
Access: Read/Write
Bit
Bit name
Default value
Bit description
7:6
N/A
00b
Not used
5:5
Analogue Gain
0b
Set to '0' – No analogue gain (x1) in the CDS.
Set to '1' – Analogue gain (x4) in the CDS.
4:4
Enable White Clamping
(Anti-Corona)
1b
Set to '0' – The white clamp is not active.
Set to '1' – The clamping of white values set. White
clamp is used to avoid contrast inversion of heavily
over exposed scenes (corona effect)
3:3
Enable Anti-Blooming(1)
0b
Set to '0' – Additional anti blooming feature OFF.
Set to '1' – Additional anti blooming feature ON.
2:2
White Offset(2)
0b
Set to '0' – Not active, values of the A/D conversion go
to the readout registers.
Set to '1' – When active, a new value is written to the
offset registers.
1:1
Enable Control VRef
1b
Set to '0' – VRef buffer bias is in constant power mode.
Set to '1' – VRef buffer bias in low power mode
(recommended).
0:0
Auto Gen Load Pulse
0b
Set to '0' – The pulse for readout has to be provided
externally.
Set to '1' – The pulse for readout is generated
internally, immediately after completed AD conversion
and once the LVAL of the previous line readout is back
to zero. Multiple readouts of the same data occur if no
new A/D conversion has been started after finalization
of the line readout.
(1) The pixels inherent anti-blooming structures will under normal conditions prevent any kind of blooming. Only under the most
extreme over exposure condition, this additional anti-blooming circuitry may be required.
(2) Feature related to digital subtraction, which is not recommended to be set to ‘1’. Still, if using this feature, the bit 2 in Control
Register 3 (register 0x05) "Enable Offset SRAM" must be set to ‘1’, at user’s responsibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com