Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 48 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 48 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 44Page - ams-OSRAM AG 301020013 Datasheet HTML 45Page - ams-OSRAM AG 301020013 Datasheet HTML 46Page - ams-OSRAM AG 301020013 Datasheet HTML 47Page - ams-OSRAM AG 301020013 Datasheet HTML 48Page - ams-OSRAM AG 301020013 Datasheet HTML 49Page - ams-OSRAM AG 301020013 Datasheet HTML 50Page - ams-OSRAM AG 301020013 Datasheet HTML 51Page - ams-OSRAM AG 301020013 Datasheet HTML 52Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 109 page
background image
Dragster
Register description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
48 / 109
/
9
Register description
Every internal status of the sensor will be controlled by the serial interface and be written to the
internal registers. All registers are 8-bit oriented. The unused bits on a register are set to zero
and reserved for future use.
9.1
Detailed register description
9.1.1
Control register 1 (Address 0x01)
Table 16: Control register 1
Address: 0x01
Default value: 0xA8
Access: Read/Write
Bit
Bit name
Default value
Bit description
7:7
VThr Bit
1b
Set to '0' – For test purposes only. Do not use.
Set to '1' – The threshold voltage for the white
clamping is given internally.
6:6
ADC Mode Bit
0b
Set to '0' – Linear ADC conversion is used.
Set to '1' – Companding ADC conversion is used.
5:5
Enable Saturation(1)(2)
1b
Set to '0' – The digital saturation is not enabled, so the
output will cover full 13-bit. If 12 bits are read out
"wrap around" error may occur if End ADC range is
not properly configured.
Set to '1' – Digital saturation is enabled, the output will
be saturated to the 12 LSB's (4095 DN).
4:4
Offset Subtraction(3)
0b
Set to '0' – The digital offset is not subtracted from the
read value.
Set to '1' – The value stored in the offset register is
subtracted from the readout signal.
3:3
Dithering
1b
Set to '0' – Dithering deactivated (for ADC linear
mode).
Set to '1' – Dithering activated (noise generated for
ADC).
This bit enables the on chip dithering logic to avoid
missing codes in the output histogram when on chip
re-linearization is used in combination with
companding ADC mode.
2:2
Clock Division 2
0b
These bits are responsible for the definition of readout
clock (pixel clock), the different values are presented
in Table 17.
1:1
Clock Division 1
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com