Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 14Page - ams-OSRAM AG 301020013 Datasheet HTML 15Page - ams-OSRAM AG 301020013 Datasheet HTML 16Page - ams-OSRAM AG 301020013 Datasheet HTML 17Page - ams-OSRAM AG 301020013 Datasheet HTML 18Page - ams-OSRAM AG 301020013 Datasheet HTML 19Page - ams-OSRAM AG 301020013 Datasheet HTML 20Page - ams-OSRAM AG 301020013 Datasheet HTML 21Page - ams-OSRAM AG 301020013 Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 109 page
background image
Dragster
Typical operating characteristics
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
18 / 109
/
6
Typical operating characteristics
6.1
Electro-optical characteristics
Table 8: Characteristics of Dragster sensor
Parameter
Value
Remark
Pixel type
Global shutter
Low noise pixel with true CDS
Shutter type
Pipelined global shutter
Exposure of next image during readout of the
previous image
Fill factor
100%
ADC programmable gain
-6dB to 20dB in 256 steps
ADC resolution
12-bit
Exposure time range
Minimal 2 µs
Down time for integration
Minimal 2 µs + 7 MCLK pulses
Depends on the MCLK frequency
Data output
Tap Parallel/LVCMOS TTL
Trigger delay
1 µs
Integration & readout
Interleaved or Sequential
Sensor planarity
30 µm
Invar packaging
50 µm
Ceramic LCC packaging
Cover glass
AR-coated
Table 9: Sensor characteristics of Dragster 7µm
Parameter
Value
Remark
Pixel size
7 x 7 µm2
Pixel pitch x
7 µm
Distance from the center of a pixel to the center of
the adjacent pixel (horizontal axis)
Pixel pitch y
7 µm
Distance from the center of a pixel to the center of
the adjacent pixel (vertical axis)
Number of special pixels in
the most left segment
32 pixels
Single line – 2K7
2x32 pixels
Dual line – 2x2K7
Maximum line rate
80 kLines/s
2K7
80 kLines/s
2x2K7 – 2:1 TDI Mode
160 kLines/s
2x2K7 – Dual Line Mode
Number of output taps
2 per 2K Segment
4 per 2x2K Segment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com