Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 60 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 60 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 56Page - ams-OSRAM AG 301020013 Datasheet HTML 57Page - ams-OSRAM AG 301020013 Datasheet HTML 58Page - ams-OSRAM AG 301020013 Datasheet HTML 59Page - ams-OSRAM AG 301020013 Datasheet HTML 60Page - ams-OSRAM AG 301020013 Datasheet HTML 61Page - ams-OSRAM AG 301020013 Datasheet HTML 62Page - ams-OSRAM AG 301020013 Datasheet HTML 63Page - ams-OSRAM AG 301020013 Datasheet HTML 64Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 109 page
background image
Dragster
Application information
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
60 / 109
/
Figure 30: External components for the option to control the ADC offset by an external DAC for the case of
a sensor with four segments
Table 32: Optional external components
Component
Description
Nominal
value
Tolerance
Voltage range
DAC1/DAC2
Optional additional DAC on
outputs of Test_Mux
1 V-2.5 V
(or wider)
Output resistance <1 kΩ
VNoise_rms < 0.5 mV
>3.6 V
C1
Optional decoupling capacitor
Low ESR Ceramic
100 nF
±25%
>3.3 V
In order to adjust the ADC black reference an external reference voltage is supplied via the
DAC where lowering the voltages shifts the output signal to higher digital values.
Figure 31 illustrates the equivalent internal circuit when using an external DAC to set the black
level reference. The load circuit, the DAC sees, is in parallel to as many segments that are
connected to the same DAC.
Test_Mux_AB1
Test_Mux_AB2
Test_Mux_EF1
Test_Mux_EF2
Test_Mux_CD1
Test_Mux_CD2
Test_Mux_GH1
Test_Mux_GH2
Dragster Sensor
Headboard
DAC1
DAC2
C1
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com