Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301020013 Datasheet(PDF) 51 Page - ams-OSRAM AG

Part # 301020013
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301020013 Datasheet(HTML) 51 Page - ams-OSRAM AG

Back Button 301020013 Datasheet HTML 47Page - ams-OSRAM AG 301020013 Datasheet HTML 48Page - ams-OSRAM AG 301020013 Datasheet HTML 49Page - ams-OSRAM AG 301020013 Datasheet HTML 50Page - ams-OSRAM AG 301020013 Datasheet HTML 51Page - ams-OSRAM AG 301020013 Datasheet HTML 52Page - ams-OSRAM AG 301020013 Datasheet HTML 53Page - ams-OSRAM AG 301020013 Datasheet HTML 54Page - ams-OSRAM AG 301020013 Datasheet HTML 55Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 109 page
background image
Dragster
Register description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
51 / 109
/
9.1.3
Inversed ADC gain register (Address 0x03)
Table 19: Inversed ADC gain register
Address: 0x03
Default value: 0x1D
Access: Read/Write
Bit
Bit name
Default
Bit description
7:0
Inversed ADC Gain
Register
00011101b
Responsible for ADC conversion gain. Respectively the ADC
conversion step. The register is proportional to the voltage
step required for 1 DN.
Higher value on this register, results in a lower ADC gain
(higher voltage step for 1 DN).
9.1.4
Offset register (Address 0x04)
Table 20: Offset register
Address: 0x04
Default value: 0xC8
Access: Read/Write
Bit
Bit name
Default
Bit description
7:0
Offset Register
11001000b
Responsible for ADC black level offset. The lower the
value of the offset register the closer the output signal
will be to the white level, with the increasing of the
register value the output signal will become more
black.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com