Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 32Page - Renesas Technology Corp 7547 Datasheet HTML 33Page - Renesas Technology Corp 7547 Datasheet HTML 34Page - Renesas Technology Corp 7547 Datasheet HTML 35Page - Renesas Technology Corp 7547 Datasheet HTML 36Page - Renesas Technology Corp 7547 Datasheet HTML 37Page - Renesas Technology Corp 7547 Datasheet HTML 38Page - Renesas Technology Corp 7547 Datasheet HTML 39Page - Renesas Technology Corp 7547 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
7547 Group
Rev.1.21
Nov 15, 2006
page 36 of 89
REJ03B0156-0121
Input capture
7547 group has 2-input capture channels. Each channel (0 and 1)
has the same function and can be used to capture count value of
either Timer A or Timer B.
The source timer for each channel is selected by setting value of
the capture x (x = 0, 1) timer source bit. Timer A and Timer B can
be selected for the source timer to each channel, respectively.
To use each capture channel, set the capture x input port bits and
set the port direction register corresponding to capture channel to
input mode.
The input capture circuit retains the count value of selected timer
when external trigger is input. The timer count value is retained to
the capture latch x0 when rising edge is input and is retained to
the capture latch x1 when falling edge is input.
The count value of timer can be retained by software by capture y
(y = 00, 01, 10, 11) software trigger bit too. When “1” is set to this
bit, count value of timer is retained to the corresponded capture
latch.
When reading from the capture y software trigger bit is executed,
“0” is read out.
The latest status of capture latch can be confirmed by reading of
the capture x status bit. This bit indicates the capture latch which
latest data is in.
The valid trigger edge for capture interrupt is set by the capture x
interrupt edge selection bits. (Regardless of the setting value of
capture x interrupt edge selection bits, timer count values for both
edges are retained to the capture latch.)
Each capture input has the noise filter circuit that judges continu-
ous 4-time same level with sampling clock to be valid. The
sampling clock of noise filter is set by the capture x noise filter
clock selection bits.
Reading from the register for each channel is controlled by setting
value of the capture register read pointer. Reading from each reg-
ister is in the following order;
1.Set the value of the corresponded input capture channel to the
capture register read pointer.
2.Read from the capture register (low-order) and capture register
(high-order).
s Notes on Input Capture
• If the capture trigger is input while the capture register (low-order
and high-order) is in read, captured value is changed between
high-order reading and low-order reading. Accordingly, some
countermeasure by program is recommended, for example
comparing the values that twice of read.
• When CPU operation clock source is XIN oscillation and the on-
chip-oscillator is selected for Timer A count source, Timer A
cannot be used for the capture source timer.
Timer B cannot be used for the capture source timer when the
system is in the following state;
• CPU operation clock source: XIN oscillation
• Timer B count source: Timer A underflow
• Timer A count source: On-chip oscillator output
• When writing “1” to capture latch x0 (x1) software trigger bit of
capture latch x0 and x1 at the same time, or external trigger and
software trigger occur simultaneously, the set value of capture x
status bit is undefined.
• When setting the interrupt active edge selection bit and noise fil-
ter clock selection bit of external interrupt CAP0, CAP1, the
interrupt request bit may be set to “1”.
When not requiring the interrupt occurrence synchronized with
these setting, take the following sequence.
➀ Set the corresponding interrupt enable bit to “0” (disabled).
➁ Set the interrupt edge selection bit or noise filter clock selection bit.
➂ Set the corresponding interrupt request bit to “0” after 1 or more
instructions have been executed.
➃ Set the corresponding interrupt enable bit to “1” (enabled).
• When the capture interrupt is used as the interrupt for return
from stop mode, set the capture x noise filter clock selection bits
to “00 (Filter stop)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com