Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 82Page - Renesas Technology Corp 7547 Datasheet HTML 83Page - Renesas Technology Corp 7547 Datasheet HTML 84Page - Renesas Technology Corp 7547 Datasheet HTML 85Page - Renesas Technology Corp 7547 Datasheet HTML 86Page - Renesas Technology Corp 7547 Datasheet HTML 87Page - Renesas Technology Corp 7547 Datasheet HTML 88Page - Renesas Technology Corp 7547 Datasheet HTML 89Page - Renesas Technology Corp 7547 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
7547 Group
Rev.1.21
Nov 15, 2006
page 86 of 89
REJ03B0156-0121
Notes on Serial I/O1
1. I/O pin function when serial I/O1 is enabled.
The pin functions of P12/SCLK1 and P13/SRDY1 are switched to as
follows according to the setting values of a serial I/O1 mode selec-
tion bit (bit 6 of serial I/O1 control register (address 1A16)) and a
serial I/O1 synchronous clock selection bit (bit 1 of serial I/O1 con-
trol register).
(1) Serial I/O1 mode selection bit
→ “1” :
Clock synchronous type serial I/O is selected.
• Setup of a serial I/O1 synchronous clock selection bit
“0” : P12 pin turns into an output pin of a synchronous clock.
“1” : P12 pin turns into an input pin of a synchronous clock.
• Setup of a SRDY1 output enable bit (SRDY)
“0” : P13 pin can be used as a normal I/O pin.
“1” : P13 pin turns into a SRDY1 output pin.
(2) Serial I/O1 mode selection bit
→ “0” :
Clock asynchronous (UART) type serial I/O is selected.
• Setup of a serial I/O1 synchronous clock selection bit
“0”: P12 pin can be used as a normal I/O pin.
“1”: P12 pin turns into an input pin of an external clock.
• When clock asynchronous (UART) type serial I/O is selected, it
functions P13 pin. It can be used as a normal I/O pin.
Note on Bus Collision Detection
When serial I/O1 is operating at half-duplex communication, set
bus collision detection interrupt to be disabled.
Notes on Serial I/O2
1. I/O pin function when serial I/O2 is enabled
The pin functions of P06/SCLK2 and P07/SRDY2 are switched to as
follows according to the setting values of a serial I/O2 mode selec-
tion bit (bit 6 of serial I/O2 control register (address 3016)) and a
serial I/O2 synchronous clock selection bit (bit 2 of serial I/O2 con-
trol register).
(1) Serial I/O2 mode selection bit
→ “1” :
Clock synchronous type serial I/O is selected.
• Setup of a serial I/O2 synchronous clock selection bit
“0” : P06 pin turns into an output pin of a synchronous clock.
“1” : P06 pin turns into an input pin of a synchronous clock.
• Setup of a SRDY2 output enable bit (SRDY)
“0” : P07 pin can be used as a normal I/O pin.
“1” : P07 pin turns into a SRDY2 output pin.
(2) Serial I/O2 mode selection bit
→ “0” :
Clock asynchronous (UART) type serial I/O is selected.
• Setup of a serial I/O2 synchronous clock selection bit
“0”: P06 pin can be used as a normal I/O pin.
“1”: P06 pin turns into an input pin of an external clock.
• When clock asynchronous (UART) type serial I/O is selected, it
functions P07 pin. It can be used as a normal I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com