Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 4Page - Renesas Technology Corp 7547 Datasheet HTML 5Page - Renesas Technology Corp 7547 Datasheet HTML 6Page - Renesas Technology Corp 7547 Datasheet HTML 7Page - Renesas Technology Corp 7547 Datasheet HTML 8Page - Renesas Technology Corp 7547 Datasheet HTML 9Page - Renesas Technology Corp 7547 Datasheet HTML 10Page - Renesas Technology Corp 7547 Datasheet HTML 11Page - Renesas Technology Corp 7547 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
7547 Group
Rev.1.21
Nov 15, 2006
page 8 of 89
REJ03B0156-0121
Execute JSR
On-going Routine
M (S)
(PCH)
(S)
(S – 1)
M (S)
(PCL)
Execute RTS
(PCL)
M (S)
(S)
(S – 1)
(S)
(S + 1)
(S)
(S + 1)
(PCH)
M (S)
Subroutine
Restore Return
Address
Store Return Address
on Stack
M (S)
(PS)
Execute RTI
(PS)
M (S)
(S)
(S – 1)
(S)
(S + 1)
Interrupt
Service Routine
Restore Contents of
Processor Status Register
M (S)
(PCH)
(S)
(S – 1)
M (S)
(PCL)
(S)
(S – 1)
(PCL)
M (S)
(S)
(S + 1)
(S)
(S + 1)
(PCH)
M (S)
Restore Return
Address
I Flag “0” to “1”
Fetch the Jump Vector
Store Return Address
on Stack
Store Contents of Processor
Status Register on Stack
Interrupt request
(Note)
Note : The condition to enable the interrupt
Interrupt enable bit is “1”
Interrupt disable flag is “0”
Table 4 Push and pop instructions of accumulator or processor status register
Accumulator
Processor status register
Push instruction to stack
PHA
PHP
Pop instruction from stack
PLA
PLP
Fig. 5 Register push and pop at interrupt generation and subroutine call



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com