Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 70Page - Renesas Technology Corp 7547 Datasheet HTML 71Page - Renesas Technology Corp 7547 Datasheet HTML 72Page - Renesas Technology Corp 7547 Datasheet HTML 73Page - Renesas Technology Corp 7547 Datasheet HTML 74Page - Renesas Technology Corp 7547 Datasheet HTML 75Page - Renesas Technology Corp 7547 Datasheet HTML 76Page - Renesas Technology Corp 7547 Datasheet HTML 77Page - Renesas Technology Corp 7547 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
7547 Group
Rev.1.21
Nov 15, 2006
page 74 of 89
REJ03B0156-0121
Power-on reset circuit characteristics
Power-on reset circuit characteristics
(VCC = 1.8 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Valid start voltage of power-on reset circuit (Note)
VPOR hold time
Rising time of valid power source of power-on reset circuit
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
Test conditions
mV
s
ms
0
10
20
VPOR
TW(VPOR)
TW(VPOR-VDET)
Note: VPOR is the start voltage level of Vcc for the built-in power-on reset circuit to operate normally.
Keep VPOR to be lower than the Vcc voltage before rising of the Vcc power source to use the built-in power-on reset circuit.
Set the built-in low voltage detection circuit to be valid when the built-in power-on reset is used.
TW(VPOR) > 10 s
Low voltage detection circuit characteristics
Low voltage detection circuit characteristics
(VCC = 1.8 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Valid start voltage of low voltage detection circuit (Note)
VLVD hold time
Rising time of valid power source of low voltage detection circuit
Detection voltage of low voltage detection circuit
Detection voltage Hysteresis (when hysteresis is valid)
Detection time of low 5voltage detection circuit
Min.
1.0
1.85
1.8
Typ.
1.95
1.95
0.1
20
Max.
Symbol
Parameter
Limits
Unit
Test conditions
V
s
s
V
V
V
µs
0
10
10
2.05
2.1
VLVD
TW(VLVD)
TW(VLVD-VDET)
VDET-
V(VDET+–VDET-)
TDET
Note: VLVD is the start voltage level of Vcc for the built-in low voltage detection circuit to operate normally.
If the Vcc power source becomes lower than VLVD, first set the Vcc voltage to be lower than VPOR. Next, according to the electrical characteristics of
the power-on reset circuit, perform the rising of Vcc.
TW(VLVD) > 10 s
Ta = 0 to 50 °C
Ta = –20 to 85 °C
Ta = –20 to 85 °C
Fig. 92 Electrical characteristics of power-on reset circuit and voltage drop detection circuit
Vcc power source
waveform
VPOR
0V
TW(VPOR)T(VPON-VDET)
TDET
TW(VLVD)T(VLVD-VDET)
Note
VDET+
VDET-
Internal reset signal
Power-on reset circuit
characteristics
Low voltage detection circuit
characteristics
Note: If the schmitt of the voltage drop detection circuit is set to be invalid, system is released from reset at the timing of rising to
power source voltage VDET-.
VPOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com