Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 2Page - Renesas Technology Corp 7547 Datasheet HTML 3Page - Renesas Technology Corp 7547 Datasheet HTML 4Page - Renesas Technology Corp 7547 Datasheet HTML 5Page - Renesas Technology Corp 7547 Datasheet HTML 6Page - Renesas Technology Corp 7547 Datasheet HTML 7Page - Renesas Technology Corp 7547 Datasheet HTML 8Page - Renesas Technology Corp 7547 Datasheet HTML 9Page - Renesas Technology Corp 7547 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
7547 Group
Rev.1.21
Nov 15, 2006
page 6 of 89
REJ03B0156-0121
GROUP EXPANSION
Renesas plans to expand the 7547 Group as follow:
Memory type
Support for QzROM
Memory size
ROM size ............................................................. 8 K to 16 K bytes
RAM size .............................................................. 384 to 512 bytes
Package
PRSP0036GA-B .......... 0.8 mm-pitch 36-pin plastic molded SSOP
Fig. 3 Memory expansion plan
384
512
16K
0
M37547G4
8K
M37547G2
ROM size
(bytes)
RAM size
(bytes)
Note: Products under development...the development schedule and
specification may be revised without notice.
**: Under development
Currently supported products are listed below.
Table 3 List of supported products
RAM size
(bytes)
Shipped after writing
Shipped in blank
Shipped after writing
Shipped in blank
M37547G2-XXXFP
M37547G2FP
M37547G4-XXXFP
M37547G4FP
Product
ROM size (bytes)
ROM size for User ( )
384
512
Remarks
Package
PRSP0036GA-B
PRSP0036GA-B
PRSP0036GA-B
PRSP0036GA-B
8192
(Note)
(8062)
16384
(Note)
(16254)
Note : ROM size includes the function set ROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com