Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 60Page - Renesas Technology Corp 7547 Datasheet HTML 61Page - Renesas Technology Corp 7547 Datasheet HTML 62Page - Renesas Technology Corp 7547 Datasheet HTML 63Page - Renesas Technology Corp 7547 Datasheet HTML 64Page - Renesas Technology Corp 7547 Datasheet HTML 65Page - Renesas Technology Corp 7547 Datasheet HTML 66Page - Renesas Technology Corp 7547 Datasheet HTML 67Page - Renesas Technology Corp 7547 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
7547 Group
Rev.1.21
Nov 15, 2006
page 64 of 89
REJ03B0156-0121
NOTES ON USE
Countermeasures against noise
1. Shortest wiring length
(1) Package
Select the smallest possible package to make the total wiring
length short.
<Reason>
The wiring length depends on a microcomputer package. Use of a
small package, for example QFP and not DIP, makes the total wir-
ing length short to reduce influence of noise.
(3) Wiring for clock input/output pins
• Make the length of wiring which is connected to clock I/O pins as
short as possible.
• Make the length of wiring (within 20 mm) across the grounding
lead of a capacitor which is connected to an oscillator and the
VSS pin of a microcomputer as short as possible.
• Separate the VSS pattern only for oscillation from other VSS pat-
terns.
<Reason>
If noise enters clock I/O pins, clock waveforms may be deformed.
This may cause a program failure or program runaway. Also, if a
potential difference is caused by the noise between the VSS level
of a microcomputer and the VSS level of an oscillator, the correct
clock will not be input in the microcomputer.
(2) Wiring for RESET pin
Make the length of wiring which is connected to the RESET pin as
short as possible. Especially, connect a capacitor across the
RESET pin and the VSS pin with the shortest possible wiring
(within 20mm).
<Reason>
The width of a pulse input into the RESET pin is determined by the
timing necessary conditions. If noise having a shorter pulse width
than the standard is input to the RESET pin, the reset is released
before the internal state of the microcomputer is completely initial-
ized. This may cause a program runaway.
Fig. 84 Wiring for clock I/O pins
Fig. 82 Selection of packages
DIP
SDIP
SOP
QFP
Fig. 83 Wiring for the RESET pin
RESET
Reset
circuit
Noise
VSS
VSS
Reset
circuit
VSS
RESET
VSS
N.G.
O.K.
Noise
XIN
XOUT
VSS
XIN
XOUT
VSS
N.G.
O.K.
(4) Wiring to VPP pin
Connect VPP pin to a GND pattern at the shortest distance.
The GND pattern is required to be as close as possible to the
GND supplied to VSS.
In order to improve the noise reduction, to connect a 5 k
Ω resistor
serially to the VPP pin - GND line may be valid.
As well as the above-mentioned, in this case, connect to a GND
pattern at the shortest distance. The GND pattern is required to be
as close as possible to the GND supplied to VSS.
<Reason>
The VPP pin of the QzROM is the power source input pin for the
built-in QzROM. When programming in the built-in QzROM, the
impedance of the VPP pin is low to allow the electric current for
writing flow into the QzROM. Because of this, noise can enter eas-
ily. If noise enters the VPP pin, abnormal instruction codes or data
are read from the built-in QzROM, which may cause a program
runaway.
Fig. 85 Wiring for the VPP pin of the QzPROM
About 5k
Ω
VSS
The shortest
The shortest
CNVSS/VPP
(Note)
(Note)
Note: This indicates pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com