Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 6Page - Renesas Technology Corp 7547 Datasheet HTML 7Page - Renesas Technology Corp 7547 Datasheet HTML 8Page - Renesas Technology Corp 7547 Datasheet HTML 9Page - Renesas Technology Corp 7547 Datasheet HTML 10Page - Renesas Technology Corp 7547 Datasheet HTML 11Page - Renesas Technology Corp 7547 Datasheet HTML 12Page - Renesas Technology Corp 7547 Datasheet HTML 13Page - Renesas Technology Corp 7547 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
7547 Group
Rev.1.21
Nov 15, 2006
page 10 of 89
REJ03B0156-0121
Memory
Special function register (SFR) area
The SFR area in the zero page contains control registers such as
I/O ports and timers.
RAM
RAM is used for data storage and for a stack area of subroutine
calls and interrupts.
ROM
The first 128 bytes and the last 2 bytes of ROM are reserved for
device testing and the rest is a user area for storing programs.
Interrupt vector area
The interrupt vector area contains reset and interrupt vectors.
Zero page
The 256 bytes from addresses 000016 to 00FF16 are called the
zero page area. The internal RAM and the special function regis-
ters (SFR) are allocated to this area.
The zero page addressing mode can be used to specify memory
and register addresses in the zero page area. Access to this area
with only 2 bytes is possible in the zero page addressing mode.
Special page
The 256 bytes from addresses FF0016 to FFFF16 are called the
special page area. The special page addressing mode can be
used to specify memory addresses in the special page area. Ac-
cess to this area with only 2 bytes is possible in the special page
addressing mode.
Fig. 6 Memory map diagram
ROM capacity
(bytes)
address
YYYY16
address
ZZZZ16
8192
E00016
E08016
16384
C00016
C08016
FF0016
FFDC16
FFD4 16
FFFE16
FFFF16
YYYY16
ZZZZ16
ROM
Function set ROM function area
010016
000016
004016
044016
XXXX16
RAM
Reserved area
SFR area
Not used
RAM area
RAM capacity
(bytes)
address
XXXX16
512
023F16
384
01BF16
Function set ROM consists of the followings:
- Function set ROM data to set peripheral
functions to be active immediately after system
is released from reset,
- ROM code protect to disable the reading of
the built-in PROM area by serial programmer,
- Renesas shipment test area where random
data are written in when shipment test is
performed by Renesas.
ROM area
Reserved ROM area
(128 bytes)
Interrupt vector area
Reserved ROM area
Zero page
Special page
Address
FFD416
FFD516
FFD616
Renesas shipment test are
Renesas shipment test area
Renesas shipment test area
Renesas shipment test area
a
FFD716
FFD816
FFD916
FFDA16
FFDB16
Function set ROM data 2
Function set ROM data 1
Function set ROM data 0
ROM code protect
ROM Code Protect Address (address FFDB16)
Address FFDB16, which is the reserved ROM area of QzROM, is
the ROM code protect address. “0016” is written into this address
when selecting the protect bit write by using a serial programmer
or selecting protect enabled for writing shipment by Renesas
Technology corp.. When “0016” is set to the ROM code protect ad-
dress, the protect function is enabled, so that reading or writing
from/to QzROM is disabled by a serial programmer.
As for the QzROM product in blank, the ROM code is protected by
selecting the protect bit write at ROM writing with a serial pro-
grammer.
As for the QzROM product shipped after writing, “0016” (protect
enabled) or “FF16” (protect disabled) is written into the ROM code
protect address when Renesas Technology corp. performs writing.
The writing of “0016” or “FF16” can be selected as the ROM option
setup (referred to as “Mask option setup” in MM) when ordering.
s Notes
Because the contents of RAM are indefinite at reset, set initial val-
ues before using.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com