Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 69Page - Renesas Technology Corp 7547 Datasheet HTML 70Page - Renesas Technology Corp 7547 Datasheet HTML 71Page - Renesas Technology Corp 7547 Datasheet HTML 72Page - Renesas Technology Corp 7547 Datasheet HTML 73Page - Renesas Technology Corp 7547 Datasheet HTML 74Page - Renesas Technology Corp 7547 Datasheet HTML 75Page - Renesas Technology Corp 7547 Datasheet HTML 76Page - Renesas Technology Corp 7547 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 73 of 89
REJ03B0156-0121
7547 Group
A/D Converter Characteristics
A/D Converter characteristics
(VCC = 2.7 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Resolution
Absolute accuracy
Conversion time
Ladder resistor
Reference power source input current
A/D port input current
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
Test conditions
Bits
LSB
tc(XIN)
k
Ω
µA
µA
10
± 3
122
61
200
120
5.0
—
—
tCONV
RLADDER
IVREF
II(AD)
55
150
90
50
30
Note: AD conversion accuracy may be low under the following conditions;
(1) When the VREF voltage is set to be lower than the VCC voltage, an analog circuit in this microcomputer is affected by noise.
The accuracy is lower than the case the VREF voltage is the same as VCC voltage.
(2) When the VREF voltage is 3.0 V or less at the low temperature, the AD conversion accuracy may be very lower than at room temperature.
When system is used at low temperature, that VREF is 3.0 V or more is recommended.
Ta = 25 °C
VCC = VREF = 2.7 to 5.5 V
AD conversion clock = f(XIN)/2
AD conversion clock = f(XIN)
VREF = 5.0 V
VREF = 3.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com