Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 73Page - Renesas Technology Corp 7547 Datasheet HTML 74Page - Renesas Technology Corp 7547 Datasheet HTML 75Page - Renesas Technology Corp 7547 Datasheet HTML 76Page - Renesas Technology Corp 7547 Datasheet HTML 77Page - Renesas Technology Corp 7547 Datasheet HTML 78Page - Renesas Technology Corp 7547 Datasheet HTML 79Page - Renesas Technology Corp 7547 Datasheet HTML 80Page - Renesas Technology Corp 7547 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 77 of 89
REJ03B0156-0121
7547 Group
Switching Characteristics
Table 25 Switching characteristics (1)
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
tC(SCLK1)/2–30
tC(SCLK1)/2–30
–30
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
tWH(SCLK1)
tWL(SCLK1)
td(SCLK1–TxD1)
tv(SCLK1–TxD1)
tr(SCLK1)
tf(SCLK1)
tr(CMOS)
tf(CMOS)
Serial I/O1, serial I/O2 clock output “H” pulse width
Serial I/O1, serial I/O2 clock output “L” pulse width
Serial I/O1, serial I/O2 output delay time
Serial I/O1, serial I/O2 output valid time
Serial I/O1, serial I/O2 clock output rising time
Serial I/O1, serial I/O2 clock output falling time
CMOS output rising time (Note 1)
CMOS output falling time (Note 1)
Note 1: Pin XOUT is excluded.
Table 26 Switching characteristics (2)
(VCC = 2.4 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
350
50
50
50
50
Note 1: Pin XOUT is excluded.
tWH(SCLK1)
tWL(SCLK1)
td(SCLK1–TxD1)
tv(SCLK1–TxD1)
tr(SCLK1)
tf(SCLK1)
tr(CMOS)
tf(CMOS)
Serial I/O1, serial I/O2 clock output “H” pulse width
Serial I/O1, serial I/O2 clock output “L” pulse width
Serial I/O1, serial I/O2 output delay time
Serial I/O1, serial I/O2 output valid time
Serial I/O1, serial I/O2 clock output rising time
Serial I/O1, serial I/O2 clock output falling time
CMOS output rising time (Note 1)
CMOS output falling time (Note 1)
tC(SCLK1)/2–50
tC(SCLK1)/2–50
–30
20
20
ns
ns
ns
ns
ns
ns
ns
ns
10
10
140
30
30
30
30
ns
ns
ns
ns
ns
ns
ns
ns
Table 27 Switching characteristics (3)
(VCC = 2.2 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
450
70
70
70
70
Note 1: Pin XOUT is excluded.
Switching characteristics measurement circuit diagram
/ / /
Measured
output pin
CMOS output
100 pF
tWH(SCLK1)
tWL(SCLK1)
td(SCLK1–TxD1)
tv(SCLK1–TxD1)
tr(SCLK1)
tf(SCLK1)
tr(CMOS)
tf(CMOS)
Serial I/O1, serial I/O2 clock output “H” pulse width
Serial I/O1, serial I/O2 clock output “L” pulse width
Serial I/O1, serial I/O2 output delay time
Serial I/O1, serial I/O2 output valid time
Serial I/O1, serial I/O2 clock output rising time
Serial I/O1, serial I/O2 clock output falling time
CMOS output rising time (Note 1)
CMOS output falling time (Note 1)
tC(SCLK1)/2–70
tC(SCLK1)/2–70
–30
25
25
ns
ns
ns
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com