Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 61Page - Renesas Technology Corp 7547 Datasheet HTML 62Page - Renesas Technology Corp 7547 Datasheet HTML 63Page - Renesas Technology Corp 7547 Datasheet HTML 64Page - Renesas Technology Corp 7547 Datasheet HTML 65Page - Renesas Technology Corp 7547 Datasheet HTML 66Page - Renesas Technology Corp 7547 Datasheet HTML 67Page - Renesas Technology Corp 7547 Datasheet HTML 68Page - Renesas Technology Corp 7547 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 65 of 89
REJ03B0156-0121
7547 Group
Fig. 86 Bypass capacitor across the VSS line and the VCC line
2. Connection of bypass capacitor across VSS line and VCC line
Connect an approximately 0.1
µF bypass capacitor across the VSS
line and the VCC line as follows:
• Connect a bypass capacitor across the VSS pin and the VCC pin
at equal length.
• Connect a bypass capacitor across the VSS pin and the VCC pin
with the shortest possible wiring.
• Use lines with a larger diameter than other signal lines for VSS
line and VCC line.
• Connect the power source wiring via a bypass capacitor to the
VSS pin and the VCC pin.
VSS
VCC
VSS
VCC
N.G.
O.K.
3. Wiring to analog input pins
• Connect an approximately 100
Ω to 1 kΩ resistor to an analog
signal line which is connected to an analog input pin in series.
Besides, connect the resistor to the microcomputer as close as
possible.
• Connect an approximately 1000 pF capacitor across the Vss pin
and the analog input pin. Besides, connect the capacitor to the
Vss pin as close as possible. Also, connect the capacitor across
the analog input pin and the Vss pin at equal length.
<Reason>
Signals which is input in an analog input pin (such as an A/D con-
verter/comparator input pin) are usually output signals from
sensor. The sensor which detects a change of event is installed far
from the printed circuit board with a microcomputer, the wiring to
an analog input pin is longer necessarily. This long wiring func-
tions as an antenna which feeds noise into the microcomputer,
which causes noise to an analog input pin.
Fig. 87 Analog signal line and a resistor and a capacitor
Analog
input pin
VSS
Noise
Thermistor
Microcomputer
N.G.
O.K.
(Note)
Note : The resistor is used for dividing
resistance with a thermistor.
• The analog input pin is connected to the capacitor of a voltage
comparator. Accordingly, sufficient accuracy may not be ob-
tained by the charge/discharge current at the time of A/D
conversion when the analog signal source of high-impedance is
connected to an analog input pin. In order to obtain the A/D con-
version result stabilized more, please lower the impedance of an
analog signal source, or add the smoothing capacitor to an ana-
log input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com