Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 45Page - Renesas Technology Corp 7547 Datasheet HTML 46Page - Renesas Technology Corp 7547 Datasheet HTML 47Page - Renesas Technology Corp 7547 Datasheet HTML 48Page - Renesas Technology Corp 7547 Datasheet HTML 49Page - Renesas Technology Corp 7547 Datasheet HTML 50Page - Renesas Technology Corp 7547 Datasheet HTML 51Page - Renesas Technology Corp 7547 Datasheet HTML 52Page - Renesas Technology Corp 7547 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 49 of 89
REJ03B0156-0121
7547 Group
A/D Converter
The functional blocks of the A/D converter are described below.
[A/D conversion register] AD
The A/D conversion register is a read-only register that stores the
result of A/D conversion. Do not read out this register during an A/
D conversion.
[A/D control register] ADCON
The A/D control register controls the A/D converter.
Bit 2 to 0 are analog input pin selection bits.
Bit 3 is the A/D conversion clock selection bit. When “0” is set to this
bit, the A/D conversion clock is f(XIN)/2 and the A/D conversion time
is 122 cycles of f(XIN). When “1” is set to this bit, the A/D conversion
clock is f(XIN) and the A/D conversion time is 61 cycles of f(XIN).
Bit 4 is the A/D conversion completion bit. The value of this bit re-
mains at “0” during A/D conversion, and changes to “1” at
completion of A/D conversion.
A/D conversion is started by setting this bit to “0”.
[Comparison voltage generator]
The comparison voltage generator divides the voltage between
AVSS and VREF by 1024, and outputs the divided voltages.
[Channel selector]
The channel selector selects one of ports P27/AN7 to P20/AN0,
and inputs the voltage to the comparator.
[Comparator and control circuit]
The comparator and control circuit compares an analog input volt-
age with the comparison voltage and stores its result into the A/D
conversion register. When A/D conversion is completed, the con-
trol circuit sets the A/D conversion completion bit and the A/D
interrupt request bit to “1”. Because the comparator is constructed
linked to a capacitor, set f(XIN) in order that the A/D conversion
clock is 250 kHz or over during A/D conversion.
s Notes on A/D converter
As for AD translation accuracy, on the following operating condi-
tions, accuracy may become low.
(1) Since the analog circuit inside a microcomputer becomes sen-
sitive to noise when VREF voltage is set up lower than Vcc
voltage, accuracy may become low rather than the case
where VREF voltage and Vcc voltage are set up to the same
value..
(2) When VREF voltage is lower than [ 3.0 V ], the accuracy at the
low temperature may become extremely low compared with
that at room temperature. When the system would be used at
low temperature, the use at VREF=3.0 V or more is recom-
mended.
Fig. 58 Structure of A/D control register
Fig. 59 Structure of A/D conversion register
Read 8-bit (Read only address 003516)
b7
b0
b9
b8
b7
b6
b5
b4
b3
b2
(Address 003516)
Read 10-bit (read in order address 003616, 003516)
b7
b0
b9
b8
(Address 003616)
b7
b0
b7
b6
b5
b4
b3
b2
b1
b0
(Address 003516)
Note: High-order 6-bit of address 003616 returns “0” when read.
Not used (returns “0” when read)
A/D conversion completion bit
0 : Conversion in progress
1 : Conversion completed
b7
b0
Analog input pin selection bits
000 : P20/AN0
001 : P21/AN1
010 : P22/AN2
011 : P23/AN3
100 : P24/AN4
101 : P25/AN5
110 : P26/AN6
111 : P27/AN7
Notes 1: A/D conversion clock=f(XIN) can be used only
when ceramic oscillation or on-chip oscillator is used.
Select f(XIN)/2 when RC oscillation is used.
A/D control register
(ADCON : address 003416, initial value: 1016)
A/D conversion clock selection bit (Note 1)
0 : f(XIN)/2
1 : f(XIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com