Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 83Page - Renesas Technology Corp 7547 Datasheet HTML 84Page - Renesas Technology Corp 7547 Datasheet HTML 85Page - Renesas Technology Corp 7547 Datasheet HTML 86Page - Renesas Technology Corp 7547 Datasheet HTML 87Page - Renesas Technology Corp 7547 Datasheet HTML 88Page - Renesas Technology Corp 7547 Datasheet HTML 89Page - Renesas Technology Corp 7547 Datasheet HTML 90Page - Renesas Technology Corp 7547 Datasheet HTML 91Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 89 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 89 of 89
REJ03B0156-0121
7547 Group
Notes on On-chip Oscillation Division Ratio
• When the clock division ratio is switched from f(XIN) to on-chip
oscillator by the clock division ratio selection bits (bits 7 and 6 of
CPU mode register (address 3B16)), the on-chip oscillator divi-
sion ratio (bits 1 and 0 of on-chip oscillation division ratio
selection register (address 3716)) is “102” (on-chip oscillator
middle-speed mode (ROSC/8)).
Notes on Oscillation Stop Detection Circuit
1. After the reset by the oscillation stop detection, the value of fol-
lowing bits are retained, not initialized.
• Ceramic or RC oscillation stop detection function active bit
Bit 1 of MISRG (address 3B16)
• Oscillation stop detection status bit
Bit 3 of MISRG
2. Oscillation stop detection status bit is initialized (“0”) by the fol-
lowing operation.
• External reset
• Write “0” data to the ceramic or RC oscillation stop detection
function active bit.
3. The oscillation stop detection circuit is not included in the emu-
lator MCU “M37542RSS”.
Note on Power Source Voltage
When the power source voltage value of a microcomputer is less
than the value which is indicated as the recommended operating
conditions, the microcomputer does not operate normally and may
perform unstable operation.
In a system where the power source voltage drops slowly when
the power source voltage drops or the power supply is turned off,
reset a microcomputer when the supply voltage is less than the
recommended operating conditions and design a system not to
cause errors to the system by this unstable operation.
Product shipped in blank
As for the product shipped in blank, Renesas does not perform the
writing test to user ROM area after the assembly process though
the QzROM writing test is performed enough before the assembly
process. Therefore, a writing error of approx.0.1 % may occur.
Moreover, please note the contact of cables and foreign bodies on
a socket, etc. because a writing environment may cause some
writing errors.
NOTES ON HARDWARE
Handling of Power Source Pin
In order to avoid a latch-up occurrence, connect a capacitor suit-
able for high frequencies as bypass capacitor between power
source pin (Vcc pin) and GND pin (Vss pin). Besides, connect the
capacitor to as close as possible. For bypass capacitor which
should not be located too far from the pins to be connected, a ce-
ramic capacitor of 0.01
µF to 0.1 µF is recommended.
NOTES ON QzROM
Notes On QzROM Writing Orders
When ordering the QzROM product shipped after writing, submit
the mask file (extension: .mask) which is made by the mask file
converter MM.
Be sure to set the ROM option ("MASK option" written in the mask
file converter) setup when making the mask file by using the mask
file converter MM.
Notes On ROM Code Protect
(QzROM product shipped after writing)
As for the QzROM product shipped after writing, the ROM code
protect is specified according to the ROM option setup data in the
mask file which is submitted at ordering.
Renesas Technology corp. write the value of the ROM option
setup data in the ROM code protect address (address FFDB16)
when writing to the QzROM. As a result, in the contents of the
ROM code protect address the ordered value may differ from the
actual written value.
The ROM option setup data in the mask file is “0016” for protect
enabled or “FF16” for protect disabled. Therefore, the contents of
the ROM code protect address (other than the user ROM area) of
the QzROM product shipped after writing is “0016” or “FF16”.
Note that the mask file which has nothing at the ROM option data
or has the data other than “0016” and “FF16” can not be accepted.
DATA REQUIRED FOR QzROM WRITING
ORDERS
The following are necessary when ordering a QzROM product
shipped after writing:
1. QzROM Writing Confirmation Form*
2. Mark Specification Form*
3. ROM data...........Mask file
* For the QzROM writing confirmation form and the mark specifi-
cation form, refer to the “Renesas Technology Corp.” Homepage
(http://www.renesas.com/homepage.jsp).
Note that we cannot deal with special font marking (customer's
trademark etc.) in QzROM microcomputer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com