Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 65Page - Renesas Technology Corp 7547 Datasheet HTML 66Page - Renesas Technology Corp 7547 Datasheet HTML 67Page - Renesas Technology Corp 7547 Datasheet HTML 68Page - Renesas Technology Corp 7547 Datasheet HTML 69Page - Renesas Technology Corp 7547 Datasheet HTML 70Page - Renesas Technology Corp 7547 Datasheet HTML 71Page - Renesas Technology Corp 7547 Datasheet HTML 72Page - Renesas Technology Corp 7547 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 69 of 89
REJ03B0156-0121
7547 Group
Recommended Operating Conditions
Recommended operating conditions (1)
(VCC = 1.8 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Unit
Limits
Note 1: Vcc = 4.0 to 5.5V
2: The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average value measured
over 100 ms. The total peak current is the peak value of all the currents.
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
5.5
VCC
VCC
VCC
VCC
0.2VCC
0.8
0.2VCC
0.16VCC
–80
80
80
–40
40
40
4.5
4.0
2.4
2.2
4.0
2.4
2.2
4.0
2.4
2.2
1.8
1.8
0.8VCC
2.0
0.8VCC
0
0
0
0
Power source voltage (Double-speed mode)
(ceramic)
(High-, Middle-speed mode)
Power source voltage (High-, Middle-speed mode)
(RC)
Power source voltage (at on-chip oscillator)
Power source voltage
Analog reference voltage
“H” input voltage
P00–P07, P10–P14, P20–P27, P30–P37
“H” input voltage (TTL input level selected)
P10, P12, P13, P36, P37 (Note 1)
“H” input voltage
RESET, XIN
“L” input voltage
P00–P07, P10–P14, P20–P27, P30–P37
“L” input voltage (TTL input level selected)
P10, P12, P13, P36, P37 (Note 1)
“L” input voltage
RESET, CNVSS
“L” input voltage
XIN
“H” total peak output current (Note 2)
P00–P07, P10–P14, P20–P27, P30–P37
“L” total peak output current (Note 2)
P10–P14, P20–P27
“L” total peak output current (Note 2)
P00–P07, P30–P37
“H” total average output current (Note 2)
P00–P07, P10–P14, P20–P27, P30–P37
“L” total average output current (Note 2)
P10–P14, P20–P27
“L” total average output current (Note 2)
P00–P07, P30–P37
f(XIN) = 8 MHz
f(XIN) = 6.5 MHz
f(XIN) = 2 MHz
f(XIN) = 1 MHz
f(XIN) = 8 MHz
f(XIN) = 4 MHz
f(XIN) = 2 MHz
f(XIN) = 4 MHz
f(XIN) = 2 MHz
f(XIN) = 1 MHz
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
0
VCC
VSS
VREF
VIH
VIH
VIH
VIL
VIL
VIL
VIL
∑IOH(peak)
∑IOL(peak)
∑IOL(peak)
∑IOH(avg)
∑IOL(avg)
∑IOL(avg)
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com