Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 24Page - Renesas Technology Corp 7547 Datasheet HTML 25Page - Renesas Technology Corp 7547 Datasheet HTML 26Page - Renesas Technology Corp 7547 Datasheet HTML 27Page - Renesas Technology Corp 7547 Datasheet HTML 28Page - Renesas Technology Corp 7547 Datasheet HTML 29Page - Renesas Technology Corp 7547 Datasheet HTML 30Page - Renesas Technology Corp 7547 Datasheet HTML 31Page - Renesas Technology Corp 7547 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
7547 Group
Rev.1.21
Nov 15, 2006
page 28 of 89
REJ03B0156-0121
Fig. 24 Block diagram of timer A and timer B
Timer A (low-order) latch (8)
Timer A (low-order) (8)
Timer A (high-order) latch (8)
Timer A (high-order) (8)
Data bus
Timer A interrupt
request
Compare
Capture
Timer B (low-order) latch (8)
Timer B (low-order) (8)
Timer B (high-order) latch (8)
Timer B (high-order) (8)
Data bus
Timer B interrupt
request
Compare
Capture
1/2
1/16
1/32
1/64
1/128
1/256
Timer A count
stop bit
Timer A
count source
selection bits
On-chip
oscillator
Timer A write
control bit
Timer B write
control bit
1/2
1/16
1/32
1/64
1/128
1/256
Timer B count
stop bit
Timer B count source
selection bits
Frequency
divider
On-chip
oscillator
XIN
“00”
“01”
“11”
Clock division
ratio selection
bits
“10”
Frequency
divider
CPU mode register
Fig. 22 Structure of timer A, B mode register
Fig. 23 Timer count source set register
Timer A, B mode register
(TABM : address 001D16, initial value: 0016)
b7
b0
Timer A write control bit
0 : Write to latch and timer simultaneously
1 : Write to only latch
Timer A count stop bit
0 : Count start
1 : Count stop
Timer B write control bit
0 : Write to latch and timer simultaneously
1 : Write to only latch
Timer B count stop bit
0 : Count start
1 : Count stop
Not used (return “0” when read)
Compare 0, 1 modulation mode bit
0: Disabled
1: Enabled
Compare 2, 3 modulation mode bit
0: Disabled
1: Enabled
b7
b0
Timer X count source selection bits
b1 b0
0
0 : f(XIN)/16
0
1 : f(XIN)/2
1
0 : f(XIN) (Note 1)
1
1 : Not available
Notes 1: f(XIN) can be used as timer X count source when using
a ceramic resonator or on-chip oscillator.
Do not use it at RC oscillation.
2: On-chip oscillator can be used when the on-chip oscillator
is enabled by bit 3 of CPUM.
Timer count source set register
(TCSS : address 002A16, initial value: 0016)
Timer B count source selection bits
b7 b6 b5
0
0
0 : f(XIN)/16
0
0
1 : f(XIN)/2
0
1
0 : f(XIN)/32
0
1
1 : f(XIN)/64
1
0
0 : f(XIN)/128
1
0
1 : f(XIN)/256
1
1
0 : Timer A underflow
1
1
1 : Not available
Timer A count source selection bits
b4 b3 b2
0
0
0 : f(XIN)/16
0
0
1 : f(XIN)/2
0
1
0 : f(XIN)/32
0
1
1 : f(XIN)/64
1
0
0 : f(XIN)/128
1
0
1 : f(XIN)/256
1
1
0 : On-chip oscillator output (Note 2)
1
1
1 : Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com