Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 78Page - Renesas Technology Corp 7547 Datasheet HTML 79Page - Renesas Technology Corp 7547 Datasheet HTML 80Page - Renesas Technology Corp 7547 Datasheet HTML 81Page - Renesas Technology Corp 7547 Datasheet HTML 82Page - Renesas Technology Corp 7547 Datasheet HTML 83Page - Renesas Technology Corp 7547 Datasheet HTML 84Page - Renesas Technology Corp 7547 Datasheet HTML 85Page - Renesas Technology Corp 7547 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 91 page
background image
7547 Group
Rev.1.21
Nov 15, 2006
page 82 of 89
REJ03B0156-0121
5. Direction register
The values of the port direction registers cannot be read.
That is, it is impossible to use the LDA instruction, memory opera-
tion instruction when the T flag is “1”, addressing mode using
direction register values as qualifiers, and bit test instructions such
as BBC and BBS.
It is also impossible to use bit operation instructions such as CLB
and SEB and read-modify-write instructions of direction registers
for calculations such as ROR.
For setting direction registers, use the LDM instruction, STA in-
struction, etc.
Termination of Unused Pins
1. Terminate unused pins
Perform the following wiring at the shortest possible distance (20
mm or less) from microcomputer pins.
(1) I/O ports
Set the I/O ports for the input mode and connect each pin to VCC
or VSS through each resistor of 1 k
Ω to 10 kΩ. The port which can
select a built-in pull-up resistor can also use the built-in pull-up re-
sistor.
When using the I/O ports as the output mode, open them at “L” or
“H”.
• When opening them in the output mode, the input mode of the
initial status remains until the mode of the ports is switched over
to the output mode by the program after reset. Thus, the poten-
tial at these pins is undefined and the power source current may
increase in the input mode. With regard to an effects on the sys-
tem, thoroughly perform system evaluation on the user side.
• Since the direction register setup may be changed because of a
program runaway or noise, set direction registers by program
periodically to increase the reliability of program.
2. Termination remarks
(1) I/O ports setting as input mode
[1] Do not open in the input mode.
<Reason>
• The power source current may increase depending on the first-
stage circuit.
• An effect due to noise may be easily produced as compared with
proper termination (1) shown on the above “1. Terminate unused
pins”.
[2] Do not connect to VCC or VSS directly.
<Reason>
If the direction register setup changes for the output mode be-
cause of a program runaway or noise, a short circuit may occur.
[3] Do not connect multiple ports in a lump to VCC or VSS through
a resistor.
<Reason>
If the direction register setup changes for the output mode be-
cause of a program runaway or noise, a short circuit may occur
between ports.
Notes on Interrupts
1. Change of relevant register settings
When not requiring for the interrupt occurrence synchronous with
the following case, take the sequence shown in Figure 5.
• When switching external interrupt active edge
• When switching interrupt sources of an interrupt vector address
where two or more interrupt sources are allocated
Fig. 5 Sequence of changing relevant register
<Reason>
When setting the followings, the interrupt request bit of the corre-
sponding interrupt may be set to “1”.
• When switching external interrupt active edge
INT0 interrupt edge selection bit
(bit 0 of Interrupt edge selection register (address 3A16))
INT1 interrupt edge selection bit
(bit 1 of Interrupt edge selection register)
CNTR0 active edge switch bit
(bit 2 of timer X mode register (address 2B16))
Capture 0 interrupt edge selection bit
(bits 1 and 0 of capture mode register (address 2016))
Capture 1 interrupt edge selection bit
(bits 3 and 2 of capture mode register)
2. Check of interrupt request bit
When executing the BBC or BBS instruction to determine an in-
terrupt request bit immediately after this bit is set to “0”, take the
following sequence.
<Reason>
If the BBC or BBS instruction is executed immediately after an in-
terrupt request bit is cleared to “0”, the value of the interrupt
request bit before being cleared to “0” is read.
Set the corresponding interrupt enable bit to “0” (disabled) .
↓
Set the interrupt edge selection bit, active edge switch bit, or
the interrupt source selection bit.
↓
NOP (One or more instructions)
↓
Set the corresponding interrupt request bit to “0”
(no interrupt request issued).
↓
Set the corresponding interrupt enable bit to “1” (enabled).
Set the interrupt request bit to “0” (no interrupt issued)
↓
NOP (one or more instructions)
↓
Execute the BBC or BBS instruction
Fig. 6 Sequence of check of interrupt request bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com