Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 55Page - Renesas Technology Corp 7547 Datasheet HTML 56Page - Renesas Technology Corp 7547 Datasheet HTML 57Page - Renesas Technology Corp 7547 Datasheet HTML 58Page - Renesas Technology Corp 7547 Datasheet HTML 59Page - Renesas Technology Corp 7547 Datasheet HTML 60Page - Renesas Technology Corp 7547 Datasheet HTML 61Page - Renesas Technology Corp 7547 Datasheet HTML 62Page - Renesas Technology Corp 7547 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 59 of 89
REJ03B0156-0121
7547 Group
Fig. 75 State transition
STP mode
f(XIN) oscillation: stop
On-chip oscillator: stop
WAIT mode 1
WAIT mode 2
WAIT mode 3
WAIT mode 3’
Operation clock source: On-chip oscillator (Note 2)
Operation clock source: f(XIN) (Note 1)
Notes on switch of clock
(1) In operation clock = f(XIN), the following can be selected for the CPU clock division ratio.
f(XIN)/2 (high-speed mode)
f(XIN)/8 (middle-speed mode)
f(XIN) (double-speed mode, only at a ceramic oscillation)
(2) In operation clock = On-chip oscillator, the following can be selected for the CPU clock division ratio.
ROSC/1 (On-chip oscillator double-speed mode)
ROSC/2 (On-chip oscillator high-speed mode)
ROSC/8 (On-chip oscillator middle-speed mode)
ROSC/128 (On-chip oscillator low-speed mode)
(3) After system is released from reset, and state transition of state 2
→ state 3 and state transition of state 2’ → state 3’,
ROSC/8 (On-chip oscillator middle-speed mode) is selected for CPU clock.
(4) Executing the state transition state 3 to 2 or state 3’ to 2’ after stabilizing XIN oscillation.
(5) When the state 2
→ state 3 → state 4 is performed, execute the NOP instruction as shown below
according to the division ratio of CPU clock.
1. CPUM76 = 102 (state 2
→ state 3)
2. NOP instruction
Transition from Double-speed mode: NOP ✕ 3
Transition from High-speed mode: NOP ✕ 1
Transition from Middle-speed mode: NOP ✕ 0
3. CPU4 = 12 (state 3
→ state 4)
(6) When the state 3
→ state 2 → state 1 is performed, execute the NOP instruction as shown below
according to the division ratio of CPU clock.
1. CPUM76 = 002 or 012 or 112 (state 3
→ state 2)
2. NOP instruction
Transition from On-chip oscillator double-speed mode: NOP ✕ 4
Transition from On-chip oscillator high-speed mode: NOP ✕ 2
Transition from On-chip oscillator middle-speed mode: NOP ✕ 0
Transition from On-chip oscillator low-speed mode: NOP ✕ 0
3. CPUM3 = 12 (state 2
→ state 1)
WAIT mode 4
State 4
RESET state
f(XIN) oscillation: enabled
On-chip oscillator: enabled
State 3
State 3’
WAIT mode 2’
State 2’
State 2
State 1
Interrupt
STP
instruction
Interrupt
WIT
instruction
Interrupt
CPUM3=02
CPUM3=12
CPUM76=102
(Note 3)
CPUM76=002
012
112
(Note 4)
CPUM76=102
(Note 3)
CPUM76=002
012
112
MISRG1=12
MISRG1=02
MISRG1=12
(Note 4)
MISRG1=02
Reset
released
(Note 3)
CPUM4=02
CPUM4=12
Interrupt
WIT
instruction
WIT
instruction
Interrupt
WIT
instruction
Interrupt
WIT
instruction
Interrupt
WIT
instruction
STP
instruction
STP
instruction
STP
instruction
Interrupt
Interrupt
Interrupt
f(XIN) oscillation: enabled
On-chip oscillator: stop
f(XIN) oscillation: enabled
On-chip oscillator: enabled
f(XIN) oscillation: enabled
On-chip oscillator: enabled
f(XIN) oscillation: enabled
On-chip oscillator: enabled
f(XIN) oscillation: enabled
On-chip oscillator: enabled
Oscillation stop detection circuit valid
f(XIN) oscillation: stop
On-chip oscillator: enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com