Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 33Page - Renesas Technology Corp 7547 Datasheet HTML 34Page - Renesas Technology Corp 7547 Datasheet HTML 35Page - Renesas Technology Corp 7547 Datasheet HTML 36Page - Renesas Technology Corp 7547 Datasheet HTML 37Page - Renesas Technology Corp 7547 Datasheet HTML 38Page - Renesas Technology Corp 7547 Datasheet HTML 39Page - Renesas Technology Corp 7547 Datasheet HTML 40Page - Renesas Technology Corp 7547 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 37 of 89
REJ03B0156-0121
7547 Group
Fig. 39 Structure of capture software trigger register
b7
b0
Capture register 0 (Low-order)
(CAP0L : address 000C16)
b7
b0
Capture register 0 (High-order)
(CAP0H : address 000D16)
b7
b0
Capture register 1 (Low-order)
(CAP1L : address 000E16)
b7
b0
Capture register 1 (High-order)
(CAP1H : address 000F16)
b7
b0
Capture 0 interrupt edge selection bits
b1 b0
00: Rising and falling edge
01: Rising edge
10: Falling edge
11: Not available
Capture 1 interrupt edge selection bits
b3 b2
00: Rising and falling edge
01: Rising edge
10: Falling edge
11: Not available
Capture 0 noise filter clock selection bits
b5 b4
00: Filter stop
01: f(XIN)
10: f(XIN)/8
11: f(XIN)/32
Capture 1 noise filter clock selection bits
b7 b6
00: Filter stop
01: f(XIN)
10: f(XIN)/8
11: f(XIN)/32
Capture mode register
(CAPM : address 002016, initial value: 0016)
b7
b0
Capture latch 00 software trigger bit
Capture latch 01 software trigger bit
Capture latch 10 software trigger bit
Capture latch 11 software trigger bit
Each software trigger occurs by setting “1” to
corresponding bit. (returns “0” when read)
Not used (returns “0” when read)
Capture software trigger register
(CSTR : address 001316, initial value: 0016)
Fig. 40 Structure of capture software trigger register/capture
mode register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com