Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 48Page - Renesas Technology Corp 7547 Datasheet HTML 49Page - Renesas Technology Corp 7547 Datasheet HTML 50Page - Renesas Technology Corp 7547 Datasheet HTML 51Page - Renesas Technology Corp 7547 Datasheet HTML 52Page - Renesas Technology Corp 7547 Datasheet HTML 53Page - Renesas Technology Corp 7547 Datasheet HTML 54Page - Renesas Technology Corp 7547 Datasheet HTML 55Page - Renesas Technology Corp 7547 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 91 page
background image
7547 Group
Rev.1.21
Nov 15, 2006
page 52 of 89
REJ03B0156-0121
Fig. 61 Block diagram of watchdog timer
Fig. 62 Structure of watchdog timer control register
Watchdog timer H (read only for high-order 6-bit)
Watchdog timer H count source selection bit
(Note 1, Note 4)
0 : Watchdog timer L underflow
1 : On-chip oscillator/16 or f(XIN)/16
b7
b0
Watchdog timer control register (Note 1)
(WDTCON: address 003916, initial value: 3F16)
STP instruction function selection bit
(Note 1, Note 3)
0 : System enters into the stop mode
at the STP instruction execution
1 : Internal reset occurs at the STP instruction execution
Notes 1: When the setting by the function set ROM data 2 (FSROM2) is performed, the initial value of CPUM is changed
after releasing reset since bits 6 and 7 of WDTCON are fixed.
2: The setting values of FSROM2 become valid by setting “0” to bit 0 of function set ROM data 0 (FSROM0).
The setting values of FSROM2 are invalid by setting “1” to this bit.
This cannot be controlled by FSROM2.
This bit function can be set by setting bit 3 of FSROM2.
Bit 3 of FSROM2 = 0: Bit 6 of WDTCON is fixed to “0”.
Bit 3 of FSROM2 = 1: Bit 6 of WDTCON is fixed to “1”.
Control by Function set ROM data 2
(FSROM2: address FFDA16) (Note 2)
The initial value of this bit is changed by setting bit 2 of
FSROM2.
Bit 2 of FSROM2 = 0:
Initial value of bit 7 of WDTCON is changed to “0”.
Bit 2 of FSROM2 = 1:
Initial value of bit 7 of WDTCON is changed to “1”.
The following setting can be available by setting bit 0 of FSROM2.
(This setting cannot be set by WDTCON)
Bit 0 of FSROM2 = 0: The source clock of watchdog timer is always
Bit 0 of FSROM2 = 1: The source clock of watchdog timer is the
on-chip oscillator output/16 of f(XIN)/16.
3:The setting value of this bit can be fixed after releasing reset by FSROM2, and then, the setting value cannot be changed by program.
Also, when the setting by program is performed, this bit can be rewritten only once after releasing reset.
After rewriting it is disable to write any data to this bit.
4: When FSROM2 is used to select the watchdog timer H count source, the initial value of this bit is changed after releasing reset.
the on-chip oscillator output/16.
“0”
“1”
1/16
Reset pin input
WDTCON: Watchdog timer control register
FSROM2: Function set ROM data 2
XIN clock
On-chip oscillator
CPUM: CPU mode register
Data bus
Reset
circuit
Watchdog timer H (8)
Write "FF16" to
WDTCON
Internal reset
Watchdog timer L (8)
STP Instruction
Write “FF16” to
WDTCON
Watchdog timer H count source
selection bit (bit 2 of FSROM2)
or bit 7 of WDTCON
Source clock selection
(auto-switch depending on setting of CPUM)
STP instruction function selection bit
(bit 3 of FSROM2)
Bit 6 of WDTCON
On-chip oscillator output can be
fixed by bit 0 of FSROM2
Count start
(Watchdotm timer start selection bit
(bit 1 of FSROM2))
or writing arbitrary value to WDTCON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com