Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 49Page - Renesas Technology Corp 7547 Datasheet HTML 50Page - Renesas Technology Corp 7547 Datasheet HTML 51Page - Renesas Technology Corp 7547 Datasheet HTML 52Page - Renesas Technology Corp 7547 Datasheet HTML 53Page - Renesas Technology Corp 7547 Datasheet HTML 54Page - Renesas Technology Corp 7547 Datasheet HTML 55Page - Renesas Technology Corp 7547 Datasheet HTML 56Page - Renesas Technology Corp 7547 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 53 of 89
REJ03B0156-0121
7547 Group
Fig. 63 Operation waveform diagram of power-on reset circuit
Fig. 64 Operation waveform diagram of low voltage detection circuit
VCC (Note)
1 ms or les s
Power-on
Reset released
Internal reset signal
Reset
state
Note: Keep the value of supply voltage to the minimum value
or more of the recommended operating conditions.
Po
circuit output
wer-on reset
VCC
Reset voltage (Typ:1.90V)
Internal reset signal
Microcomputer starts operation
by the built-in on-chip oscillator.
Internal reset signal
SYNC
??
FFFC
FFFD
ADH,ADL
??
?
??
ADL
ADH
??
?
Address
Data
Reset address from the
vector table
On-chip oscillator
clock RING
Internal CPU clock
φ
RESET
9 to 16 cycles of
internal CPU clock
φ
Fig. 65 Timing diagram at reset
Power-on Reset Circuit
Reset can be automatically performed at power on (power-on re-
set) by the built-in power-on reset circuit.
In order to use the power-on reset circuit effectively, the time for
the supply voltage to rise from 0 V to 1.8 V must be set to 1 ms or
less.
____________
When the built-in power-on reset circuit is used, pull-up the RESET
pin to VCC.
Low voltage Detection Circuit
The built-in low voltage detection circuit is designed to detect a
drop in voltage and to reset the microcomputer if the power source
voltage drops below a set value (Typ.1.90 V).
The low voltage detection circuit is valid by setting “1” to bit 1 of
the function set ROM data 0.
Also, when “1” is set to bit 3 of the function set ROM data 0, the
low voltage detection circuit can be valid even in the stop mode.
The low voltage detection circuit is stopped in the stop mode by
setting “0” to this bit, so that the power dissipation is reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com