Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 67Page - Renesas Technology Corp 7547 Datasheet HTML 68Page - Renesas Technology Corp 7547 Datasheet HTML 69Page - Renesas Technology Corp 7547 Datasheet HTML 70Page - Renesas Technology Corp 7547 Datasheet HTML 71Page - Renesas Technology Corp 7547 Datasheet HTML 72Page - Renesas Technology Corp 7547 Datasheet HTML 73Page - Renesas Technology Corp 7547 Datasheet HTML 74Page - Renesas Technology Corp 7547 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 71 of 89
REJ03B0156-0121
7547 Group
Electrical Characteristics
Electrical characteristics (1)
(VCC = 1.8 to 5.5V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
Test conditions
V
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
mA
V
kHz
kHz
Notes 1: P11 is measured when the P11/TXD1 P-channel output disable bit of the UART1 control register (bit 4 of address 001B16) is “0”.
P05 is measured when the P05/TXD2 P-channel output disable bit of the UART2 control register (bit 4 of address 003116) is “0”.
2: RXD1, SCLK1, INT0, and INT1 (P36 selected) have hysteresises only when bits 0 to 2 of the port P1P3 control register are set to “0” (CMOS level).
3: It is available only when operating key-on wake up.
VCC–1.5
VCC–1.0
1.6
1000
62.5
“H” output voltage
P00–P07, P10–P14, P20–P27, P30–P37 (Note 1)
“L” output voltage
P00–P07, P30–P37 (Drive capacity = “L”)
P10–P14, P20–P27
“L” output voltage
P00–P07, P30–P37 (Drive capacity = “H”)
Hysteresis
CNTR0, INT0, INT1, CAP0, CAP1 (Note 2)
P00–P07 (Note 3)
Hysteresis
RXD0, SCLK0, RXD1, SCLK1
Hysteresis
RESET
“H” input current
P00–P07, P10–P14, P20–P27, P30–P37
“H” input current
RESET
“H” input current
XIN
“L” input current
P00–P07, P10–P14, P20–P27, P30–P37
“L” input current
RESET
“L” input current
XIN
“L” input current
P00–P07, P30–P37
RAM hold voltage
On-chip oscillator oscillation frequency
Oscillation stop detection circuit detection frequency
1.5
0.3
1.0
2.0
0.3
1.0
5.0
5.0
–5.0
–5.0
–0.5
5.5
3000
187.5
VOH
VOL
VOL
VT+–VT–
VT+–VT–
VT+–VT–
IIH
IIH
IIH
IIL
IIL
IIL
IIL
VRAM
ROSC
DOSC
0.4
0.5
0.5
4.0
–4.0
–0.2
2000
125
IOH = –5 mA
VCC = 4.0 to 5.5 V
IOH = –1.0 mA
VCC = 1.8 to 5.5 V
IOL = 5 mA
VCC = 4.0 to 5.5 V
IOL = 1.5 mA
VCC = 4.0 to 5.5 V
IOL = 1.0 mA
VCC = 1.8 to 5.5 V
IOL = 15 mA
VCC = 4.0 to 5.5 V
IOL = 1.5 mA
VCC = 4.0 to 5.5 V
IOL = 1.0 mA
VCC = 1.8 to 5.5 V
VI = VCC
(Pin floating. Pull up transistors
“off”)
VI = VCC
VI = VCC
VI = VSS
(Pin floating. Pull up transistors
“off”)
VI = VSS
VI = VSS
VI = VSS
(Pull up transistors “on”)
When clock stopped
VCC = 5.0 V, Ta = 25 °C
VCC = 5.0 V, Ta = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com