Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 20Page - Renesas Technology Corp 7547 Datasheet HTML 21Page - Renesas Technology Corp 7547 Datasheet HTML 22Page - Renesas Technology Corp 7547 Datasheet HTML 23Page - Renesas Technology Corp 7547 Datasheet HTML 24Page - Renesas Technology Corp 7547 Datasheet HTML 25Page - Renesas Technology Corp 7547 Datasheet HTML 26Page - Renesas Technology Corp 7547 Datasheet HTML 27Page - Renesas Technology Corp 7547 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
7547 Group
Rev.1.21
Nov 15, 2006
page 24 of 89
REJ03B0156-0121
Timers
The 7547 Group has 4 timers: timer 1, timer X, timer A and timer
B.
The division ratio of every timer and prescaler is 1/(n+1) provided
that the value of the timer latch or prescaler is n.
All the timers are down count timers. When a timer reaches “0”, an
underflow occurs at the next count pulse, and the corresponding
timer latch is reloaded into the timer. When a timer underflows, the
interrupt request bit corresponding to each timer is set to “1”.
• Frequency divider for timer
According to the clock division selection bits (b7 and b6) of CPU
mode register (003B16), the count source of frequency divider is
set as follows;
b7b6 = “00”(high-speed), “01”(middle-speed), “11”(double-speed): XIN
b7b6 = “10”(On-chip oscillator): On-chip oscillator
qTimer 1
Timer 1 is an 8-bit timer and counts the prescaler output.
When Timer 1 underflows, the timer 1 interrupt request bit is set to
“1”.
Prescaler 1 is an 8-bit prescaler and counts the signal which is the
oscillation frequency divided by 16.
Prescaler 1 and Timer 1 have the prescaler 1 latch and the timer 1
latch to retain the reload value, respectively. The value of
prescaler 1 latch is set to Prescaler 1 when Prescaler 1
underflows. The value of timer 1 latch is set to Timer 1 when Timer
1 underflows.
When writing to Prescaler 1 (PRE1) is executed, the value is writ-
ten to both the prescaler 1 latch and Prescaler 1.
When writing to Timer 1 (T1) is executed, the value is written to
both the timer 1 latch and Timer 1.
When reading from Prescaler 1 (PRE1) and Timer 1 (T1) is ex-
ecuted, each count value is read out.
Timer 1 always operates in the timer mode.
Prescaler 1 counts the signal which is the oscillation frequency di-
vided by 16. Each time the count clock is input, the contents of
Prescaler 1 is decremented by 1. When the contents of Prescaler
1 reach “0016”, an underflow occurs at the next count clock, and
the prescaler 1 latch is reloaded into Prescaler 1 and count contin-
ues. The division ratio of Prescaler 1 is 1/(n+1) provided that the
value of Prescaler 1 is n.
The contents of Timer 1 is decremented by 1 each time the under-
flow signal of Prescaler 1 is input. When the contents of Timer 1
reach “0016”, an underflow occurs at the next count clock, and the
timer 1 latch is reloaded into Timer 1 and count continues. The di-
vision ratio of Timer 1 is 1/(m+1) provided that the value of Timer
1 is m. Accordingly, the division ratio of Prescaler 1 and Timer 1 is
1/((n+1)✕(m+1)) provided that the value of Prescaler 1 is n and
the value of Timer 1 is m.
Timer 1 cannot stop counting by software.
qTimer X
Timer X is an 8-bit timer and counts the prescaler X output.
When Timer X underflows, the timer X interrupt request bit is set
to “1”.
Prescaler X is an 8-bit prescaler and counts the signal selected by
the timer X count source selection bit.
Prescaler X and Timer X have the prescaler X latch and the timer
X latch to retain the reload value, respectively. The value of
prescaler X latch is set to Prescaler X when Prescaler X
underflows.The value of timer X latch is set to Timer X when Timer
X underflows.
When writing to Prescaler X (PREX) is executed, the value is writ-
ten to both the prescaler X latch and Prescaler X.
When writing to Timer X (TX) is executed, the value is written to
both the timer X latch and Timer X.
When reading from Prescaler X (PREX) and Timer X (TX) is ex-
ecuted, each count value is read out.
Timer X can be selected in one of 4 operating modes by setting
the timer X operating mode bits of the timer X mode register.
(1) Timer mode
Prescaler X counts the count source selected by the timer X count
source selection bits. Each time the count clock is input, the con-
tents of Prescaler X is decremented by 1. When the contents of
Prescaler X reach “0016”, an underflow occurs at the next count
clock, and the prescaler X latch is reloaded into Prescaler X and
count continues. The division ratio of Prescaler X is 1/(n+1) pro-
vided that the value of Prescaler X is n.
The contents of Timer X is decremented by 1 each time the under-
flow signal of Prescaler X is input. When the contents of Timer X
reach “0016”, an underflow occurs at the next count clock, and the
timer X latch is reloaded into Timer X and count continues. The di-
vision ratio of Timer X is 1/(m+1) provided that the value of Timer
X is m. Accordingly, the division ratio of Prescaler X and Timer X is
1/((n+1)✕(m+1)) provided that the value of Prescaler X is n and
the value of Timer X is m.
(2) Pulse output mode
In the pulse output mode, the waveform whose polarity is inverted
each time timer X underflows is output from the CNTR0 pin.
The output level of CNTR0 pin can be selected by the CNTR0 ac-
tive edge switch bit. When the CNTR0 active edge switch bit is “0”,
the output of CNTR0 pin is started at “H” level. When this bit is “1”,
the output is started at “L” level.
Also, the inverted waveform of pulse output from CNTR0 pin can
be output from TXOUT pin by setting “1” to the P03/TXOUT output
valid bit.
When using a timer in this mode, set the port P14 and P03 direc-
tion registers to output mode.
(3) Event counter mode
The timer A counts signals input from the P14/CNTR0 pin.
Except for this, the operation in event counter mode is the same
as in timer mode.
The active edge of CNTR0 pin input signal can be selected from
rising or falling by the CNTR0 active edge switch bit .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com