Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 56Page - Renesas Technology Corp 7547 Datasheet HTML 57Page - Renesas Technology Corp 7547 Datasheet HTML 58Page - Renesas Technology Corp 7547 Datasheet HTML 59Page - Renesas Technology Corp 7547 Datasheet HTML 60Page - Renesas Technology Corp 7547 Datasheet HTML 61Page - Renesas Technology Corp 7547 Datasheet HTML 62Page - Renesas Technology Corp 7547 Datasheet HTML 63Page - Renesas Technology Corp 7547 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
7547 Group
Rev.1.21
Nov 15, 2006
page 60 of 89
REJ03B0156-0121
Fig. 76 Structure of MISRG
q Oscillation stop detection circuit
The oscillation stop detection circuit is used for reset occurrence
when a ceramic resonator or RC oscillation circuit stops by dis-
connection. To use this circuit, set an on-chip oscillator to be in
active.
The oscillation stop detection circuit is in active to set “1” to the
ceramic or RC oscillation stop detection function active bit. When
the oscillation stop detection circuit is in active, ceramic or RC os-
cillation is watched by the on-chip oscillator. When stop of ceramic
or RC oscillation is detected, the oscillation stop detection status
bit is set to “1”. While “1” is set to the oscillation stop reset bit, in-
ternal reset occurs when oscillation stop is detected.
The external reset and the oscillation stop reset can be discrimi-
nated by reading the oscillation stop detection status bit.
The oscillation stop detection status bit retains “1”, not initialized,
when the oscillation stop reset occurs. The oscillation stop detec-
tion status bit is initialized to “0” when the external reset occurs.
Accordingly, reset by oscillation stop can be confirmed by using
this flag.
s Notes on Oscillation Stop Detection Circuit
• Do not execute the transition to “state 2’a” shown in Figure 77
because in this “state 2’a”, MCU is stopped without reset even
when XIN oscillation is stopped.
• Ceramic or RC oscillation stop detection function active bit is not
cleared by the oscillation stop internal reset. Accordingly, the
oscillation stop detection circuit is in active when system is re-
leased from internal reset cause of oscillation stop detection.
• Oscillation stop detection status bit is initialized by the following
operation.
(1) External reset
(2) Write “0” data to the ceramic or RC oscillation stop detection
function active bit.
• The oscillation stop detection circuit is not included in the emu-
lator MCU “M37542RSS”.
MISRG(address 003816, initial value: 0016)
b7
b0
Oscillation stabilization time set bit after
release of the STP instruction
0: Set “0116” in timer1, and “FF16”
in prescaler 1 automatically
1: Not set automatically
Reserved bits
(Do not write “1” to these bits)
Not used (return “0” when read)
Oscillation stop detection status bit
0: Oscillation stop not detected
1: Oscillation stop detected
Oscillation stop reset bit
0: Oscillation stop reset disabled
1: Oscillation stop reset enabled
Ceramic or RC oscillation stop
detection function active bit
0: Detection function inactive
1: Detection function active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com