Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 59Page - Renesas Technology Corp 7547 Datasheet HTML 60Page - Renesas Technology Corp 7547 Datasheet HTML 61Page - Renesas Technology Corp 7547 Datasheet HTML 62Page - Renesas Technology Corp 7547 Datasheet HTML 63Page - Renesas Technology Corp 7547 Datasheet HTML 64Page - Renesas Technology Corp 7547 Datasheet HTML 65Page - Renesas Technology Corp 7547 Datasheet HTML 66Page - Renesas Technology Corp 7547 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 63 of 89
REJ03B0156-0121
7547 Group
NOTES ON PROGRAMMING
Processor Status Register
The contents of the processor status register (PS) after reset are
undefined except for the interrupt disable flag I which is “1”. After
reset, initialize flags which affect program execution. In particular,
it is essential to initialize the T flag and the D flag because of their
effect on calculations.
Interrupts
The contents of the interrupt request bit do not change even if the
BBC or BBS instruction is executed immediately after they are
changed by program because this instruction is executed for the
previous contents. For executing the instruction for the changed
contents, execute one instruction before executing the BBC or
BBS instruction.
Decimal Calculations
• For calculations in decimal notation, set the decimal mode flag
D to “1”, then execute the ADC instruction or SBC instruction. In
this case, execute SEC instruction, CLC instruction or CLD in-
struction after executing one instruction before the ADC instruction
or SBC instruction.
• In the decimal mode, the values of the N (negative), V (overflow)
and Z (zero) flags are invalid.
Ports
• The values of the port direction registers cannot be read.
That is, it is impossible to use the LDA instruction, memory opera-
tion instruction when the T flag is “1”, addressing mode using
direction register values as qualifiers, and bit test instructions such
as BBC and BBS.
It is also impossible to use bit operation instructions such as CLB
and SEB and read/modify/write instructions of direction registers
for calculations such as ROR.
For setting direction registers, use the LDM instruction, STA in-
struction, etc.
A/D Conversion
Do not execute the STP instruction during A/D conversion.
Instruction Execution Timing
The instruction execution time can be obtained by multiplying the
frequency of the internal clock
φ by the number of cycles men-
tioned in the machine-language instruction table.
The frequency of the internal clock
φ is the same as that of the XIN
in double-speed mode, twice the XIN cycle in high-speed mode
and 8 times the XIN cycle in middle-speed mode.
CPU Mode Register
The oscillation mode selection bit and processor mode bits can be
rewritten only once after releasing reset. However, after rewriting it
is disable to write any value to the bit. (Emulator MCU is ex-
cluded.)
When a ceramic oscillation is selected, a double-speed mode of
the clock division ratio selection bits can be used. Do not use it
when an RC oscillation is selected.
State transition
Do not stop the clock selected as the operation clock because of
setting of CM3, 4.
NOTES ON HARDWARE
Handling of Power Source Pin
In order to avoid a latch-up occurrence, connect a capacitor suit-
able for high frequencies as bypass capacitor between power
source pin (Vcc pin) and GND pin (Vss pin). Besides, connect the
capacitor to as close as possible. For bypass capacitor which
should not be located too far from the pins to be connected, a ce-
ramic capacitor of 0.01
µF to 0.1 µF is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com