Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 52Page - Renesas Technology Corp 7547 Datasheet HTML 53Page - Renesas Technology Corp 7547 Datasheet HTML 54Page - Renesas Technology Corp 7547 Datasheet HTML 55Page - Renesas Technology Corp 7547 Datasheet HTML 56Page - Renesas Technology Corp 7547 Datasheet HTML 57Page - Renesas Technology Corp 7547 Datasheet HTML 58Page - Renesas Technology Corp 7547 Datasheet HTML 59Page - Renesas Technology Corp 7547 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
7547 Group
Rev.1.21
Nov 15, 2006
page 56 of 89
REJ03B0156-0121
(1) Oscillation control
• Stop mode
When the STP instruction is executed, the internal clock
φ stops at
an “H” level and the XIN oscillator stops. At this time, timer 1 is set
to “0116” and prescaler 1 is set to “FF16” when the oscillation sta-
bilization time set bit after release of the STP instruction is “0”. On
the other hand, timer 1 and prescaler 1 are not set when the
above bit is “1”. Accordingly, set the wait time fit for the oscillation
stabilization time of the oscillator to be used. f(XIN)/16 is forcibly
connected to the input of prescaler 1. When an external interrupt
is accepted, oscillation is restarted but the internal clock
φ remains
at “H” until timer 1 underflows. As soon as timer 1 underflows, the
internal clock
φ is supplied. This is because when a ceramic oscil-
lator is used, some time is required until a start of oscillation. In
case oscillation is restarted by reset, no wait time is generated. So
apply an “L” level to the RESET pin while oscillation becomes
stable, or set the wait time by on-chip oscillator operation after
system is released from reset until the oscillation is stabled.
• Wait mode
If the WIT instruction is executed, the internal clock
φ stops at an
“H” level, but the oscillator does not stop. The internal clock re-
starts if a reset occurs or when an interrupt is received. Since the
oscillator does not stop, normal operation can be started immedi-
ately after the clock is restarted. To ensure that interrupts will be
received to release the STP or WIT state, interrupt enable bits
must be set to “1” before the STP or WIT instruction is executed.
Fig. 71 Structure of CPU mode register
Oscillation mode selection bit (Note 1, Note 4)
0 : Ceramic oscillation
1 : RC oscillation
CPU mode register (Note 1)
(CPUM: address 003B16, initial value: 8016)
Stack page selection bit
0 : 0 page
1 : 1 page
Clock division ratio selection bits
b7 b6
0
0 : f(
φ) = f(XIN)/2 (High-speed mode)
0
1 : f(
φ) = f(XIN)/8 (Middle-speed mode)
1
0 : applied from on-chip oscillator
1
1 : f(
φ) = f(XIN)/1 (Double-speed mode)(Note 5)
On-chip oscillator oscillation control bit (Note 3)
0 : On-chip oscillator oscillation enabled
1 : On-chip oscillator oscillation stop
XIN oscillation control bit
0 : Ceramic or RC oscillation enabled
1 : Ceramic or RC oscillation stop
Processor mode bits
b1 b0
0
0 Single-chip mode
0
1 Not available
1
0 Not available
1
1 Not available
Note 1: When the setting by the function set ROM data 2 (FSROM2) is performed, the initial value of CPUM is changed
after releasing reset since bit 5 of CPUM is fixed.
2: The setting values of FSROM2 become valid by setting “0” to bit 0 of function set ROM data 0 (FSROM0).
The setting values of FSROM2 are invalid by setting “1” to this bit.
(In order that FSROM2 is invalid, write to CPUM after releasing reset.)
3: When bit 4 of FSROM2 is set to “0”, the operation of on-chip oscillator cannot be stopped.
Since the on-chip oscillator is not stopped also in the stop mode, the dissipation current in the stop mode is increased.
4: The setting value of bit 5 of CPUM can be fixed after releasing reset by setting value of bit 5 of FSROM2.
Also, when the setting of FSROM2 is invalid, this bit can be rewritten only once after releasing reset.
After rewriting it is disable to write any data to this bit.
This bit is initialized by reset, and then, rewriting it is enabled.
5: This setting can be used only at ceramic oscillation. Do not use this at RC oscillation.
b7
b0
Control by Function set ROM data 2
(FSROM2: address FFDA16) (Note 2)
This bit function can be set by setting bit 5 of FSROM2. (Note 4)
Bit 5 of FSROM2 = 0: Bit 5 of CPUM is fixed to “0”.
Bit 5 of FSROM2 = 1: Bit 5 of CPUM is “0” or “1”.
This cannot be controlled by FSROM2.
This cannot be controlled by FSROM2.
This bit function can be set by setting bit 4 of FSROM2. (Note 3)
Bit 4 of FSROM2 = 0: Bit 3 of CPUM is fixed to “0”.
Bit 4 of FSROM2 = 1: Bit 3 of CPUM is “0” or “1”.
This cannot be controlled by FSROM2.
This cannot be controlled by FSROM2.
s Notes on Clock Generating Circuit
For use with the oscillation stabilization set bit after release of the
STP instruction set to “1”, set values in timer 1 and prescaler 1 af-
ter fully appreciating the oscillation stabilization time of the
oscillator to be used.
• Switch of ceramic and RC oscillations
After releasing reset the operation starts by starting an on-chip os-
cillator. Then, a ceramic oscillation or an RC oscillation is selected
by setting bit 5 of the CPU mode register.
• Double-speed mode
When a ceramic oscillation is selected, a double-speed mode can
be used. Do not use it when an RC oscillation is selected.
• CPU mode register
Bits 5, 1 and 0 of CPU mode register are used to select oscillation
mode and to control operation modes of the microcomputer. In or-
der to prevent the dead-lock by error-writing (ex. program
run-away), these bits can be rewritten only once after releasing re-
set. After rewriting it is disable to write any data to the bit. (The
emulator MCU “M37542RSS” is excluded.)
Also, when the read-modify-write instructions (SEB, CLB) are ex-
ecuted to bits 2 to 4, 6 and 7, bits 5, 1 and 0 are locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com