Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 3 Page - Renesas Technology Corp

  7547 Datasheet HTML 1Page - Renesas Technology Corp 7547 Datasheet HTML 2Page - Renesas Technology Corp 7547 Datasheet HTML 3Page - Renesas Technology Corp 7547 Datasheet HTML 4Page - Renesas Technology Corp 7547 Datasheet HTML 5Page - Renesas Technology Corp 7547 Datasheet HTML 6Page - Renesas Technology Corp 7547 Datasheet HTML 7Page - Renesas Technology Corp 7547 Datasheet HTML 8Page - Renesas Technology Corp 7547 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 3 of 89
REJ03B0156-0121
7547 Group
Table 1 Performance overview
Parameter
71
0.25
µs
(Minimum instruction, oscillation frequency 8 MHz: double-speed mode)
8 MHz (max.)
8 K to 16 K bytes
384 to 512 bytes
•8-bit ✕ 3, 5-bit ✕ 1
18 sources, 16 vectors
•8-bit ✕ 2, 16-bit ✕ 2
4 channel
2 channel
8-bit ✕ 2 (UART or clock synchronous)
10-bit ✕ 8 channel
16-bit ✕ 1
Built-in
(external ceramic resonator or quartz-crystal oscillator, RC oscillation available)
(Low consumption current by on-chip oscillator available)
4.5 to 5.5 V
4.0 to 5.5 V
2.4 to 5.5 V
2.2 to 5.5 V
4.0 to 5.5 V
2.4 to 5.5 V
2.2 to 5.5 V
4.0 to 5.5 V
2.4 to 5.5 V
2.2 to 5.5 V
1.8 to 5.5 V
29.5 mW (Typ.)
-20 to 85 °C
CMOS sillicon gate
36-pin plastic molded SSOP
Number of basic instructions
Instruction execution time
Oscillation frequency
Memory sizes
ROM
RAM
I/O port
P0, P1, P2, P3
Interrupts
Timer
Output compare
Input capture
Serial interface
A/D converter
Watchdog timer
Clock generating circuit
Power source
Double-speed mode
At 8MHz oscillation
voltage
At 6.5MHz oscillation
(at ceramic
At 2MHz oscillation
resonance)
At 1MHz oscillation
High-speed mode
At 8MHz oscillation
Middle-speed mode
At 4MHz oscillation
At 2MHz oscillation
Power source
High-speed mode
At 4MHz oscillation
voltage
Middle-speed mode
At 2MHz oscillation
(at RC oscillation)
At 1MHz oscillation
Power source voltage (at on-chip oscillation)
Power dissipation
Operating temperature range
Device structure
Package
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com