Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 71Page - Renesas Technology Corp 7547 Datasheet HTML 72Page - Renesas Technology Corp 7547 Datasheet HTML 73Page - Renesas Technology Corp 7547 Datasheet HTML 74Page - Renesas Technology Corp 7547 Datasheet HTML 75Page - Renesas Technology Corp 7547 Datasheet HTML 76Page - Renesas Technology Corp 7547 Datasheet HTML 77Page - Renesas Technology Corp 7547 Datasheet HTML 78Page - Renesas Technology Corp 7547 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 75 of 89
REJ03B0156-0121
7547 Group
Timing Requirements
Table 22 Timing requirements (1)
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
Reset input “L” pulse width
External clock input cycle time
External clock input “H” pulse width
External clock input “L” pulse width
CNTR0 input cycle time
CNTR0, INT0, INT1, CAP0, CAP1 input “H” pulse width (Note 1)
CNTR0, INT0, INT1, CAP0, CAP1 input “L” pulse width (Note 1)
Serial I/O1, serial I/O2 clock input cycle time (Note 2)
Serial I/O1, serial I/O2 clock input “H” pulse width (Note 2)
Serial I/O1, serial I/O2 clock input “L” pulse width (Note 2)
Serial I/O1, serial I/O2 input set up time
Serial I/O1, serial I/O2 input hold time
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tC(CNTR0)
tWH(CNTR0)
tWL(CNTR0)
tC(SCLK1)
tWH(SCLK1)
tWL(SCLK1)
tsu(RxD1–SCLK1)
th(SCLK1–RxD1)
2
125
50
50
200
80
80
800
370
370
220
100
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Table 23 Timing requirements (2)
(VCC = 2.4 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
Reset input “L” pulse width
External clock input cycle time
External clock input “H” pulse width
External clock input “L” pulse width
CNTR0 input cycle time
CNTR0, INT0, INT1, CAP0, CAP1 input “H” pulse width (Note 1)
CNTR0, INT0, INT1, CAP0, CAP1 input “L” pulse width (Note 1)
Serial I/O1, serial I/O2 clock input cycle time (Note 2)
Serial I/O1, serial I/O2 clock input “H” pulse width (Note 2)
Serial I/O1, serial I/O2 clock input “L” pulse width (Note 2)
Serial I/O1, serial I/O2 input set up time
Serial I/O1, serial I/O2 input hold time
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tC(CNTR0)
tWH(CNTR0)
tWL(CNTR0)
tC(SCLK1)
tWH(SCLK1)
tWL(SCLK1)
tsu(RxD1–SCLK1)
th(SCLK1–RxD1)
2
250
100
100
500
230
230
2000
950
950
400
200
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Notes 1: As for CAP0, CAP1, it is the value when noise filter is not used.
2: In this time, bit 6 of the serial I/O1 control register (address 001A16) is set to “1” (clock synchronous serial I/O is selected).
When bit 6 of the serial I/O1 control register is “0” (clock asynchronous serial I/O is selected), the rating values are divided by 4.
In this time, bit 6 of the serial I/O2 control register (address 003016) is set to “1” (clock synchronous serial I/O is selected).
When bit 6 of the serial I/O2 control register is “0” (clock asynchronous serial I/O is selected), the rating values are divided by 4.
Notes 1: As for CAP0, CAP1, it is the value when noise filter is not used.
2: In this time, bit 6 of the serial I/O1 control register (address 001A16) is set to “1” (clock synchronous serial I/O is selected).
When bit 6 of the serial I/O1 control register is “0” (clock asynchronous serial I/O1 is selected), the rating values are divided by 4.
In this time, bit 6 of the serial I/O2 control register (address 003016) is set to “1” (clock synchronous serial I/O is selected).
When bit 6 of the serial I/O2 control register is “0” (clock asynchronous serial I/O is selected), the rating values are divided by 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com