Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 9Page - Renesas Technology Corp 7547 Datasheet HTML 10Page - Renesas Technology Corp 7547 Datasheet HTML 11Page - Renesas Technology Corp 7547 Datasheet HTML 12Page - Renesas Technology Corp 7547 Datasheet HTML 13Page - Renesas Technology Corp 7547 Datasheet HTML 14Page - Renesas Technology Corp 7547 Datasheet HTML 15Page - Renesas Technology Corp 7547 Datasheet HTML 16Page - Renesas Technology Corp 7547 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 13 of 89
REJ03B0156-0121
7547 Group
I/O Ports
[Direction registers] PiD
The I/O ports have direction registers which determine the input/
output direction of each pin. Each bit in a direction register corre-
sponds to one pin, and each pin can be set to be input or output.
When “1” is set to the bit corresponding to a pin, this pin becomes
an output port. When “0” is set to the bit, the pin becomes an in-
put port.
When data is read from a pin set to output, not the value of the pin
itself but the value of port latch is read. Pins set to input are float-
ing, and permit reading pin values.
If a pin set to input is written to, only the port latch is written to and
the pin remains floating.
[Port P0P3 drive capacity control register] DCCR
By setting the Port P0P3 drive capacity control register (address
001516), the drive capacity of the N-channel output transistor for
the port P0 and port P3 can be selected.
[Pull-up control register] PULL
By setting the pull-up control register (address 001616), ports P0
and P3 can exert pull-up control by program. However, pins set to
output are disconnected from this control and cannot exert pull-up
control.
[Port P1P3 control register] P1P3C
By setting the port P1P3 control register (address 001716), a
CMOS input level or a TTL input level can be selected for ports
P10, P12, P13, P36, and P37 by program.
Fig. 12 Structure of port P1P3 control register
Fig. 11 Structure of pull-up control register
Port P1P3 control register
(P1P3C: address 001716, initial value: 0016)
b7
b0
Not used
1 : TTL level
0 : CMOS level
P10,P12,P13 input level selection bit
1 : TTL level
0 : CMOS level
P36/INT1 input level selection bit
1 : TTL level
0 : CMOS level
P37/INT0 input level selection bit
Pull-up control register
(PULL: address 001616, initial value: 0016)
P00 pull-up control bit
P01, P02 pull-up control bit
P03–P07 pull-up control bit
P30 pull-up control bit
P31, P32 pull-up control bit
P33 pull-up control bit
P34, P35 pull-up control bit
P36, P37 pull-up control bit
b7
b0
0 : Pull-up Off
1 : Pull-up On
Note : Pins set to output ports are disconnected from pull-up control.
Port P0P3 drive capacity control register
(DCCR: address 001516, initial value: 0016)
Port P00 drive capacity bit
Ports P01, P02 drive capacity bit
Ports P03–P07 drive capacity bit
Port P30 drive capacity bit
Ports P31, P32 drive capacity bit
Port P33 drive capacity bit
Ports P34, P35 drive capacity bit
Ports P36, P37 drive capacity bit
b7
b0
0 : Low
1 : High
Note: Number of LED drive port (drive capacity is HIGH) is 8-port.
Fig. 10 Structure of port P0P3 drive capacity control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com