Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 15Page - Renesas Technology Corp 7547 Datasheet HTML 16Page - Renesas Technology Corp 7547 Datasheet HTML 17Page - Renesas Technology Corp 7547 Datasheet HTML 18Page - Renesas Technology Corp 7547 Datasheet HTML 19Page - Renesas Technology Corp 7547 Datasheet HTML 20Page - Renesas Technology Corp 7547 Datasheet HTML 21Page - Renesas Technology Corp 7547 Datasheet HTML 22Page - Renesas Technology Corp 7547 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
Rev.1.21
Nov 15, 2006
page 19 of 89
REJ03B0156-0121
7547 Group
Interrupts
Interrupts occur by 18 different sources : 6 external sources, 11 in-
ternal sources and 1 software source.
Interrupt control
All interrupts except the BRK instruction interrupt have an interrupt
request bit and an interrupt enable bit, and they are controlled by
the interrupt disable flag. When the interrupt enable bit and the in-
terrupt request bit are set to “1” and the interrupt disable flag is set
to “0”, an interrupt is accepted.
The interrupt request bit can be cleared by program but not be set.
The interrupt enable bit can be set and cleared by program.
The reset and BRK instruction interrupt can never be disabled with
any flag or bit. All interrupts except these are disabled when the
interrupt disable flag is set.
When several interrupts occur at the same time, the interrupts are
received according to priority.
Interrupt operation
Upon acceptance of an interrupt the following operations are auto-
matically performed:
1. The processing being executed is stopped.
2. The contents of the program counter and processor status reg-
ister are automatically pushed onto the stack.
3. The interrupt disable flag is set and the corresponding interrupt
request bit is cleared.
4. Concurrently with the push operation, the interrupt destination
address is read from the vector table into the program counter.
[Interrupt source set register] INTSET
When two interrupt sources are assigned to the same interrupt
vector, the valid/invalid of each interrupt is set by this register.
When both two interrupt sources are set to be valid, which inter-
rupt request occurs is confirmed by the next interrupt source
discrimination register.
[Interrupt source discrimination register] INTDIS
When two interrupt sources are assigned to the same interrupt
vector, which interrupt source occurs is confirmed by this register.
If an interrupt request of a key-on wakeup, UART1 bus collision
detection, A/D conversion or timer 1 occurs, an interrupt discrimi-
nation bit is set to “1” regardless of valid/invalid state by the
interrupt source set register.
However, when the interrupt valid bit of an interrupt source set
register is “0” (invalid), the interrupt request bit of an interrupt con-
trol register is not set to “1.”
Moreover, since an interrupt discrimination bit is not automatically
cleared to “0” by interrupt, please clear it by program.
An interrupt discrimination bit can be cleared to “0” by program but
not be set to “1.”
[Interrupt edge selection register] INTEDGE
The valid edge of external interrupt INT0 and INT1 can be selected
by the interrupt edge selection bit, respectively.
For the external interrupt INT1, the external input pin P33/INT1 or
P36/INT1 can be selected by the INT1 input port selection bit.
By the key-on wakeup selection bit, enable/disable of a key-on
wakeup of P00, P04, and P06 pins can be selected, respectively.
s Notes on use
(1) When setting the followings, the interrupt request bit may be
set to “1”.
•When switching external interrupt active edge
Related register:
Interrupt edge selection register (address 003A16)
Timer X mode register (address 002B16)
Capture mode register (address 002016)
When not requiring the interrupt occurrence synchronized with
these setting, take the following sequence.
➀ Set the corresponding interrupt enable bit to “0” (disabled).
➁ Set the interrupt edge select bit (active edge switch bit, trigger
mode bit).
➂ Set the corresponding interrupt request bit to “0” after 1 or more
instructions have been executed.
➃ Set the corresponding interrupt enable bit to “1” (enabled).
(2) Use a LDM instruction to clear an interrupt discrimination bit.
LDM #$0n, $0B
Set the following values to “n”
“0”: an interrupt discrimination bit to clear
“1”: other interrupt discrimination bits
Ex.) When a key-on wakeup interrupt discrimination bit is
cleared;
LDM #00001110B and $0B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com