Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7547 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 7547
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7547 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 7547 Datasheet HTML 12Page - Renesas Technology Corp 7547 Datasheet HTML 13Page - Renesas Technology Corp 7547 Datasheet HTML 14Page - Renesas Technology Corp 7547 Datasheet HTML 15Page - Renesas Technology Corp 7547 Datasheet HTML 16Page - Renesas Technology Corp 7547 Datasheet HTML 17Page - Renesas Technology Corp 7547 Datasheet HTML 18Page - Renesas Technology Corp 7547 Datasheet HTML 19Page - Renesas Technology Corp 7547 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
7547 Group
Rev.1.21
Nov 15, 2006
page 16 of 89
REJ03B0156-0121
Fig. 14 Block diagram of ports (2)
(8) Port P10
Direction
register
Data bus
Port latch
Serial I/O1 enable bit
Receive enable bit
Serial I/O1 input
Capture 0 input control
P10, P12, P13
input level
selection bit
Capture 0 input
P10, P12, P13, P36, and P37 input level are switched to the CMOS/TTL level by the port P1P3 control register.
When the TTL level is selected, there is no hysteresis characteristics.
(9) Port P11
Data bus
Port latch
Serial I/O1 output
P11/TxD1 P-channel output disable bit
Direction
register
Serial I/O1 enable bit
Transmit enable bit
(10) Port P12
Serial I/O1 clock output
Serial I/O1 mode selection bit
Serial I/O1 enable bit
Serial I/O1 enable bit
Serial I/O1 synchronous
clock selection bit
Direction
register
Data bus
Port latch
Serial I/O1 clock input
P10, P12, P13
input level
selection bit
*
(12) Port P14
Data bus
Serial I/O1 ready output
Port latch
Direction
register
CNTR0 interrupt input
Timer output
P10, P12, P13
input level
selection bit
Serial I/O1 mode selection bit
Serial I/O1 enable bit
SRDY1 output enable bit
Data bus
Port latch
Direction
register
*
(11) Port P13
Data bus
Port latch
Direction
register
A/D converter input
Analog input pin
selection bit
(13) Ports P20–P27
*
*
Pulse output mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com