| Electronic Components Datasheet Search |
|
TUSB7340 Datasheet(PDF) 108 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB7340 Datasheet(HTML) 108 Page - Texas Instruments |
|
108 / 117 page ![]() TUSB7320, TUSB7340 SLLSE76M – MARCH 2011 – REVISED JULY 2015 www.ti.com 11 Device and Documentation Support 11.1 Device Support 11.1.1 Device Nomenclature Throughout this data manual, several conventions are used to convey information. These conventions are listed below: 1. To identify a binary number or field, a lower case b follows the numbers. For example: 000b is a 3-bit binary field. 2. To identify a hexadecimal number or field, a lower case h follows the numbers. For example: 8AFh is a 12-bit hexadecimal field. 3. All other numbers that appear in this document that do not have either a b or h following the number are assumed to be decimal format. 4. If the signal or terminal name has a bar above the name (for example, GRST), then this indicates the logical NOT function. When asserted, this signal is a logic low, 0, or 0b. 5. Differential signal names end with P, N, +, or – designators. The P or + designators signify the positive signal associated with the differential pair. The N or – designators signify the negative signal associated with the differential pair. 6. RSVD indicates that the referenced item is reserved. 7. In through , the configuration space for the host controller is defined. For each register bit, the software access method is identified in an access column. The legend for this access column includes the following entries: – r – read access by software – u – updates by the host controller internal hardware – w – write access by software – c – clear an asserted bit with a write-back of 1b by software. Write of zero to the field has no effect – s – the field may be set by a write of one. Write of zero to the field has no effect – na – not accessible or not applicable 11.2 Documentation Support 11.2.1 Related Documentation 11.2.1.1 Related Documents • Universal Serial Bus 2.0 Specification • Universal Serial Bus 3.0 Specification • eXtensible Host Controller Interface for Universal Serial Bus (xHCI), Revision 0.96 • PCI Express Base Specification, Revision 2.1 • PCI Express Card Electromechanical Specification, Revision 2.0 • ExpressCard Standard, Release 2.0 • PCI Express Mini Card Electromechanical Specification, Revision 1.2 • PCI Bus Power Management Interface Specification, Revision 1.2 • PCI Local Bus Specification, Revision 3.0 • Guidelines for 64-Bit Global Identifier (EUI-64) Registration Authroity 108 Submit Documentation Feedback Copyright © 2011–2015, Texas Instruments Incorporated Product Folder Links: TUSB7320 TUSB7340 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |